Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9259 Datasheet HTML 44Page - Analog Devices AD9259 Datasheet HTML 45Page - Analog Devices AD9259 Datasheet HTML 46Page - Analog Devices AD9259 Datasheet HTML 47Page - Analog Devices AD9259 Datasheet HTML 48Page - Analog Devices AD9259 Datasheet HTML 49Page - Analog Devices AD9259 Datasheet HTML 50Page - Analog Devices AD9259 Datasheet HTML 51Page - Analog Devices AD9259 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Data Sheet
AD9259
Rev. E | Page 47 of 52
Table 17. Evaluation Board Bill of Materials (BOM)1
Item
Qty.
Reference Designator
Device
Package
Value
Manufacturer
Manufacturer’s
Part Number
1
1
AD9259LFCSP_REVA
PCB
PCB
PCB
2
75
C101, C102, C107,
C108, C109, C114,
C115, C116, C121,
C122, C123, C128,
C201, C203, C204,
C205, C206, C210,
C211, C212, C213,
C216, C217, C218,
C219, C220, C221,
C222, C223, C224,
C310, C311, C312,
C313, C314, C316,
C319, C320, C321,
C324, C325, C409,
C410, C412, C414,
C416, C417, C419,
C422, C423, C424,
C425, C427, C428,
C429, C503, C505,
C507, C509, C516,
C517, C518, C519,
C520, C521, C522,
C523, C524, C525,
C526, C527, C528,
C529, C530, C531
Capacitor
402
0.1 μF, ceramic,
X5R, 10 V, 10% tol
Murata
GRM155R71C104KA88D
3
4
C104, C111, C118,
C125
Capacitor
402
2.2 pF, ceramic,
COG, 0.25 pF tol,
50 V
Murata
GRM1555C1H2R2GZ01B
4
4
C315, C326, C413,
C426
Capacitor
805
10 μF, 6.3 V ±10%
ceramic, X5R
Murata
GRM219R60J106KE19D
5
1
C202
Capacitor
603
2.2 μF, ceramic,
X5R, 6.3 V, 10% tol
Murata
GRM188C70J225KE20D
6
2
C309, C411
Capacitor
402
1000 pF, ceramic,
X7R, 25 V, 10% tol
Murata
GRM155R71H102KA01D
7
4
C317, C322, C415,
C420
Capacitor
402
0.018 μF, ceramic,
X7R, 16 V, 10% tol
AVX
0402YC183KAT2A
8
4
C318, C323, C418,
C421
Capacitor
402
22 pF, ceramic,
NPO, 5% tol, 50 V
Murata
GRM1555C1H220JZ01D
9
1
C501
Capacitor
1206
10 μF, tantalum,
16 V, 20% tol
Rohm
TCA1C106M8R
10
9
C214, C512, C513,
C514, C515, C532,
C533, C534, C535
Capacitor
603
1 μF, ceramic, X5R,
6.3 V, 10% tol
Murata
GRM188R61C105KA93D
11
8
C305, C306, C307,
C308, C405, C406,
C407, C408
Capacitor
805
0.1 μF, ceramic,
X7R, 50 V, 10% tol
Murata
GRM21BR71H104KA01L
12
4
C502, C504, C506,
C508
Capacitor
603
10 μF, ceramic,
X5R, 6.3 V, 20% tol
Murata
GRM188R60J106M
13
1
CR201
Diode
SOT-23
30 V, 20 mA, dual
Schottky
Agilent
Technologies
HSMS2812-TRIG
14
2
CR401, CR501
LED
603
Green, 4 V, 5 m
candela
Panasonic
LNJ314G8TRA
15
1
D502
Diode
DO-214AB
3 A, 30 V, SMC
Micro
Commercial Co.
SK33-TP
16
1
D501
Diode
DO-214AA
2 A, 50 V, SMC
Micro
Commercial Co.
S2A-TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com