Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9259 Datasheet HTML 12Page - Analog Devices AD9259 Datasheet HTML 13Page - Analog Devices AD9259 Datasheet HTML 14Page - Analog Devices AD9259 Datasheet HTML 15Page - Analog Devices AD9259 Datasheet HTML 16Page - Analog Devices AD9259 Datasheet HTML 17Page - Analog Devices AD9259 Datasheet HTML 18Page - Analog Devices AD9259 Datasheet HTML 19Page - Analog Devices AD9259 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Data Sheet
AD9259
Rev. E | Page 15 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
5
15
20
25
0
–120
–80
–100
–60
–20
–40
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 73.8dB
ENOB = 11.97 BITS
SFDR = 83.4dBc
Figure 15. Single-Tone 32k FFT with fIN = 2.4 MHz, fSAMPLE = 50 MSPS
0
10
5
15
20
25
0
–120
–80
–100
–60
–20
–40
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 72.94dB
ENOB = 11.82 BITS
SFDR = 78.60dBc
Figure 16. Single-Tone 32k FFT with fIN = 70 MHz, fSAMPLE = 50 MSPS
0
10
5
15
20
25
0
–120
–80
–100
–60
–20
–40
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 71.96dB
ENOB = 11.66 BITS
SFDR = 76.68dBc
Figure 17. Single-Tone 32k FFT with fIN = 120 MHz, fSAMPLE = 50 MSPS
–120
0
–20
–40
–60
–80
–100
0
5
10
15
20
25
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 67.31dB
ENOB = 10.89 BITS
SFDR = 77.38dBc
Figure 18. Single-Tone 32k FFT with fIN = 170 MHz, fSAMPLE = 50 MSPS
–120
0
–20
–40
–60
–80
–100
0
5
10
15
20
25
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 66.87dB
ENOB = 10.82 BITS
SFDR = 74.97dBc
Figure 19. Single-Tone 32k FFT with fIN = 190 MHz, fSAMPLE = 50 MSPS
–120
0
–20
–40
–60
–80
–100
0
5
10
15
20
25
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 65.62dB
ENOB = 10.61 BITS
SFDR = 68.11dBc
Figure 20. Single-Tone 32k FFT with fIN = 250 MHz, fSAMPLE = 50 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com