Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9259 Datasheet HTML 45Page - Analog Devices AD9259 Datasheet HTML 46Page - Analog Devices AD9259 Datasheet HTML 47Page - Analog Devices AD9259 Datasheet HTML 48Page - Analog Devices AD9259 Datasheet HTML 49Page - Analog Devices AD9259 Datasheet HTML 50Page - Analog Devices AD9259 Datasheet HTML 51Page - Analog Devices AD9259 Datasheet HTML 52Page - Analog Devices AD9259 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
AD9259
Data Sheet
Rev. E | Page 48 of 52
Item
Qty.
Reference Designator
Device
Package
Value
Manufacturer
Manufacturer’s
Part Number
17
1
F501
Fuse
1210
6.0 V, 2.2 A trip-
current resettable
fuse
Tyco/Raychem
NANOSMDC110F-2
18
1
FER501
Choke coil
2020
10 μH, 5 A, 50 V,
190 Ω @ 100 MHz
Murata
DLW5BSN191SQ2L
19
12
FB101, FB102, FB103,
FB104, FB105, FB106,
FB107, FB108, FB109,
FB110, FB111, FB112
Ferrite bead
603
10 Ω, test freq
100 MHz, 25% tol,
500 mA
Murata
BLM18BA100SN1B
20
1
JP301
Connector
2-pin
100 mil header
jumper, 2-pin
Samtec
TSW-102-07-G-S
21
2
J205, J402
Connector
3-pin
100 mil header
jumper, 3-pin
Samtec
TSW-103-07-G-S
22
4
J201 to J204
Connector
12-pin
100 mil header
male, 4 × 3 triple
row straight
Samtec
TSW-104-08-G-T
23
1
J401
Connector
10-pin
100 mil header,
male, 2 × 5 double
row straight
Samtec
TSW-105-08-G-D
24
8
L501, L502, L503, L504,
L505, L506, L507, L508
Ferrite bead
1210
10 μH, bead core
3.2 × 2.5 × 1.6
SMD, 2 A
Murata
BLM31PG500SN1L
25
4
L309, L310, L409, L410
Inductor
402
120 nH, test freq
100 MHz, 5% tol,
150 mA
Murata
LQG15HNR12J02B
26
16
L301, L302, L303, L304,
L305, L306, L307, L308,
L401, L402, L403, L404,
L405, L406, L407, L408
Resistor
805
0 Ω, 1/8 W, 5% tol
NIC
Components
NRC10ZOTRF
27
1
OSC201
Oscillator
SMT
Clock oscillator,
50.00 MHz, 3.3 V
Valpey Fisher
VFAC3H-L-50MHz
28
5
P101, P103, P105,
P107, P201
Connector
SMA
Side-mount SMA
for 0.063" board
thickness
Johnson
Components
142-0710-851
29
1
P202
Connector
Header
1469169-1, right
angle 2-pair,
25 mm, header
assembly
Tyco
6469169-1
30
1
P503
Connector
0.1", PCMT
SC1153, power
supply connector
Switchcraft
RAPC722X
31
15
R201, R205, R214,
R215, R221, R239,
R312, R315, R318,
R411, R414, R417,
R425, R429, R430
Resistor
402
10 kΩ, 1/16 W,
5% tol
NIC
Components
NRC04J103TRF
32
14
R103, R117, R129,
R142, R216, R217,
R218, R223, R224,
R237, R420, R426,
R427, R428
Resistor
402
0 Ω, 1/16 W,
5% tol
NIC
Components
NRC04Z0TRF
33
4
R102, R115, R128,
R141
Resistor
402
64.9 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F64R9TRF
34
4
R104, R116, R130,
R143
Resistor
603
0 Ω, 1/10 W,
5% tol
NIC
Components
NRC06Z0TRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com