Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9259 Datasheet HTML 13Page - Analog Devices AD9259 Datasheet HTML 14Page - Analog Devices AD9259 Datasheet HTML 15Page - Analog Devices AD9259 Datasheet HTML 16Page - Analog Devices AD9259 Datasheet HTML 17Page - Analog Devices AD9259 Datasheet HTML 18Page - Analog Devices AD9259 Datasheet HTML 19Page - Analog Devices AD9259 Datasheet HTML 20Page - Analog Devices AD9259 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
AD9259
Data Sheet
Rev. E | Page 16 of 52
10
25
20
15
35
30
45
40
50
90
60
70
65
75
85
80
ENCODE (MSPS)
2V p-p, SNR
2V p-p, SFDR
Figure 21. SNR/SFDR vs. Encode, fIN = 10.3 MHz, fSAMPLE = 50 MSPS
10
25
20
15
35
30
45
40
50
90
60
70
65
75
85
80
ENCODE (MSPS)
2V p-p, SNR
2V p-p, SFDR
Figure 22. SNR/SFDR vs. Encode, fIN = 35 MHz, fSAMPLE = 50 MSPS
ANALOG INPUT LEVEL (dBFS)
0
10
20
30
40
50
60
70
80
90
100
–60
–50
–40
–30
–20
–10
0
fIN = 10.3MHz
fSAMPLE = 50MSPS
2V p-p, SFDR
2V p-p, SNR
80dB
REFERENCE
Figure 23. SNR/SFDR vs. Analog Input Level, fIN = 10.3 MHz, fSAMPLE = 50 MSPS
ANALOG INPUT LEVEL (dBFS)
0
10
20
30
40
50
60
70
80
90
100
–60
–50
–40
–30
–20
–10
0
fIN = 35MHz
fSAMPLE = 50MSPS
2V p-p, SFDR
2V p-p, SNR
80dB
REFERENCE
Figure 24. SNR/SFDR vs. Analog Input Level, fIN = 35 MHz, fSAMPLE = 50 MSPS
–120
0
–20
–40
–60
–80
–100
0
5
10
15
20
25
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 87.76dBc
IMD2 = 90.18dBc
IMD3 = 87.27dBc
Figure 25. Two-Tone 32k FFT with fIN1 = 15 MHz and fIN2 = 16 MHz,
fSAMPLE = 50 MSPS
–120
0
–20
–40
–60
–80
–100
0
5
10
15
20
25
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 80.37dBc
IMD2 = 79.75dBc
IMD3 = 84.50dBc
Figure 26. Two-Tone 32k FFT with fIN1 = 70 MHz and fIN2 = 71 MHz,
fSAMPLE = 50 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com