Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9259 Datasheet HTML 24Page - Analog Devices AD9259 Datasheet HTML 25Page - Analog Devices AD9259 Datasheet HTML 26Page - Analog Devices AD9259 Datasheet HTML 27Page - Analog Devices AD9259 Datasheet HTML 28Page - Analog Devices AD9259 Datasheet HTML 29Page - Analog Devices AD9259 Datasheet HTML 30Page - Analog Devices AD9259 Datasheet HTML 31Page - Analog Devices AD9259 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Data Sheet
AD9259
Rev. E | Page 27 of 52
SCLK/DTP Pin
The SCLK/DTP pin is for use in applications that do not require
SPI mode operation. This pin can enable a single digital test
pattern if it and the CSB pin are held high during device power-
up. When SCLK/DTP is tied to AVDD, the ADC channel
outputs shift out the following pattern: 10 0000 0000 0000. The
FCO and DCO function normally while all channels shift out the
repeatable test pattern. This pattern allows the user to perform
timing alignment adjustments among the FCO, DCO, and output
data. For normal operation, this pin should be tied to AGND
through a 10 kΩ resistor. This pin is both 1.8 V and 3.3 V tolerant.
Table 12. Digital Test Pattern Pin Settings
Selected DTP
DTP Voltage
Resulting
D + x and D − x
Resulting
FCO and DCO
Normal
Operation
10 kΩ to AGND
Normal
operation
Normal operation
DTP
AVDD
10 0000 0000
0000
Normal operation
Additional and custom test patterns can also be observed when
commanded from the SPI port. Consult the Memory Map
section for information about the options available.
CSB Pin
The CSB pin should be tied to AVDD for applications that do
not require SPI mode operation. By tying CSB high, all SCLK
and SDIO information is ignored. This pin is both 1.8 V and
3.3 V tolerant.
RBIAS Pin
To set the internal core bias current of the ADC, place a resistor
(nominally equal to 10.0 kΩ) to ground at the RBIAS pin. The
resistor current is derived on-chip and sets the AVDD current of
the ADC to a nominal 185 mA at 50 MSPS. Therefore, it is
imperative that at least a 1% tolerance on this resistor be used to
achieve consistent performance.
Voltage Reference
A stable, accurate 0.5 V voltage reference is built into the
AD9259. This is gained up internally by a factor of 2, setting
VREF to 1.0 V, which results in a full-scale differential input span
of 2 V p-p. The VREF is set internally by default; however, the
VREF pin can be driven externally with a 1.0 V reference to
improve accuracy.
When applying the decoupling capacitors to the VREF, REFT,
and REFB pins, use ceramic low ESR capacitors. These capacitors
should be close to the ADC pins and on the same layer of the
PCB as the AD9259. The recommended capacitor values and
configurations for the AD9259 reference pin are shown in
Figure 53.
Table 13. Reference Settings
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting
Differential
Span (V p-p)
External
Reference
AVDD
N/A
2 × external
reference
Internal,
2 V p-p FSR
AGND to 0.2 V
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com