Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9259 Datasheet HTML 37Page - Analog Devices AD9259 Datasheet HTML 38Page - Analog Devices AD9259 Datasheet HTML 39Page - Analog Devices AD9259 Datasheet HTML 40Page - Analog Devices AD9259 Datasheet HTML 41Page - Analog Devices AD9259 Datasheet HTML 42Page - Analog Devices AD9259 Datasheet HTML 43Page - Analog Devices AD9259 Datasheet HTML 44Page - Analog Devices AD9259 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
AD9259
Data Sheet
Rev. E | Page 40 of 52
CW
EXTERNAL VARIABLE GAIN DRIVE
VARIABLE GAIN CIRCUIT
(0V TO 1.0V DC)
R319
10k
Ω
GND
VG
R320
39k
Ω
VG
AVDD_5V
R315
10k
Ω
L310
120nH
C322
0.018µF
C317
0.018µF
R316
274
Ω
R317
274
Ω
C312
0.1µF
C325
0.1µF
C313
0.1µF
C314
0.1µF
L309
120nH
C318
22pF
C321
0.1µF
C320
0.1µF
C316
0.1µF
R318
10k
Ω
C323
22pF
C319
0.1µF
C324
0.1µF
INH4
INH3
C326
10µF
C315
10µF
C311
0.1µF
R312
10k
Ω
R313
10k
Ω
DNP
C303
DNP
L304
0
Ω
R303
DNP
L308
0
Ω
R304
DNP
L306
0
Ω
L305
0
Ω
L302
0
Ω
L303
0
Ω
L307
0
Ω
C308
0.1µF
C307
0.1µF
C306
0.1µF
C305
0.1µF
R310
187
Ω
R309
187
Ω
R308
187
Ω
R307
187
Ω
C302
DNP
L301
0
Ω
C301
DNP
R305
374
Ω
R306
374
Ω
C304
DNP
R301
DNP
R302
DNP
31
10
26
25
14
27
32
9
15
16
VG
28
13
29
12
30
11
COM1
COM2
ENBL
ENBV
GAIN
HILO
LOP1
LOP2
MODE
RCLMP
VCM1
VCM2
VIN1
VIN2
VIP1
VIP2
AD8332
R311
10k
Ω
DNP
R314
10k
Ω
DNP
C310
0.1µF
C309
1000pF
U301
POPULATE L301 TO L308 WITH
0
Ω RESISTORS OR DESIGN
YOUR OWN FILTER.
DNP: DO NOT POPULATE
Figure 64. Evaluation Board Schematic, Optional DUT Analog Input Drive and SPI Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com