Electronic Components Datasheet Search
  English  ▼

X  

MV1001SC Datasheet(PDF) 32 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 32 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
MV1001SC
31
7. Standard circuit example
7.1 Power supply specification and circuit diagram
 Power supply specification
Min
Typ
Max
Unit
Input voltage (DC)
180
220
V
Output voltage
80
140
160
V
Output current
0.93(*)
300
mA
(*) When Vin = 200 V DC, Vo = 80 V, VREF=0V
 Circuit diagram
4
MV1001SC
3
2
1
5
6
7
8
0.82
12
820k
910k
910k
820k
10p
1000p
P5B52HP2
Shindengen
900uH
D1FL40U
Shindengen
250V
6.8u
400V
6.8u
1000p
0.1u
LED+
LED-
Vin
GND
REF
Svout
Svin
CS
GND
Vin
REF
Vcc
Gate
CAT.No.1A0102-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com