Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7877 Datasheet HTML 31Page - Analog Devices AD7877 Datasheet HTML 32Page - Analog Devices AD7877 Datasheet HTML 33Page - Analog Devices AD7877 Datasheet HTML 34Page - Analog Devices AD7877 Datasheet HTML 35Page - Analog Devices AD7877 Datasheet HTML 36Page - Analog Devices AD7877 Datasheet HTML 37Page - Analog Devices AD7877 Datasheet HTML 38Page - Analog Devices AD7877 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
AD7877
Data Sheet
Table 15. Read Register Map
Register Address
Binary
RADD4
RADD3
RADD2
RADD1
RADD0
Hex
Register Name
Description
0
0
0
0
0
00
None
Reads back all zeros
0
0
0
0
1
01
Control Register 1
See Table 13
0
0
0
1
0
02
Control Register 2
See Table 13
0
0
0
1
1
03
Alert status/enable
register
See Table 13
0
0
1
0
0
04
AUX1 high limit
See Table 13
0
0
1
0
1
05
AUX1 low limit
See Table 13
0
0
1
1
0
06
BAT1 high limit
See Table 13
0
0
1
1
1
07
BAT1 low limit
See Table 13
0
1
0
0
0
08
BAT2 high limit
See Table 13
0
1
0
0
1
09
BAT2 low limit
See Table 13
0
1
0
1
0
0A
TEMP1 low limit
See Table 13
0
1
0
1
1
0B
TEMP1 high limit
See Table 13
0
1
1
0
0
0C
Sequencer Register 0
See Table 13
0
1
1
0
1
0D
Sequencer Register 1
See Table 13
0
1
1
1
0
0E
DAC register
See Table 13
0
1
1
1
1
0F
None
Factory use only
1
0
0
0
0
10
X+
Measurement at X+ input for Y position
1
0
0
0
1
11
Y+
Measurement at Y+ input for X position
1
0
0
1
0
12
Y− (Z2)
Measurement at Y− input for touch-pressure
calculation Z2
1
0
0
1
1
13
AUX1
Auxiliary Input 1 measurement
1
0
1
0
0
14
AUX2
Auxiliary Input 2 measurement
1
0
1
0
1
15
AUX3
Auxiliary Input 3 measurement
1
0
1
1
0
16
BAT1
Battery Input 1 measurement
1
0
1
1
1
17
BAT2
Battery Input 2 measurement
1
1
0
0
0
18
TEMP1
Single-ended temperature measurement
1
1
0
0
1
19
TEMP2
Differential temperature measurement
1
1
0
1
0
1A
X+ (Z1)
Measurement at X+ input for touch-pressure
calculation Z1
1
1
0
1
1
1B
GPIO Control
Register 1
See Table 14
1
1
1
0
0
1C
GPIO Control
Register 2
See Table 14
1
1
1
0
1
1D
GPIO data
See Table 14
1
1
1
1
0
1E
None
Factory use only
1
1
1
1
1
1F
None
Factory use only
Rev. E | Page 34 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com