Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 43 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7877 Datasheet HTML 38Page - Analog Devices AD7877 Datasheet HTML 39Page - Analog Devices AD7877 Datasheet HTML 40Page - Analog Devices AD7877 Datasheet HTML 41Page - Analog Devices AD7877 Datasheet HTML 42Page - Analog Devices AD7877 Datasheet HTML 43Page - Analog Devices AD7877 Datasheet HTML 44Page - Analog Devices AD7877 Datasheet HTML 45Page - Analog Devices AD7877 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
AD7877
Data Sheet
GPIO REGISTERS
GPIO registers are written to using an extended 8-bit address.
The first four bits of the data-word are always 1111b to access
the extended writing map. The next four bits are the register
address. This leaves 8 bits for the GPIO data.
GPIO registers are read like all other registers, by writing a 5-bit
address to Control Register 1, then reading DOUT.
See the GPIO Configuration section for information on
configuring the GPIOs.
Register Name: GPIO Control Register 1
Write Address: [1111] 0000
Read Address:
11011
Default Value:
0x000
Type:
Read/write
Table 22.
Bit
Name
Read/Write
Description
0
GPIO2_ALEN
R/W
If this bit is 1, GPIO2 is an interrupt source for the ALERT output; clearing this bit masks out GPIO2
as an interrupt source for the ALERT output
1
GPIO2_DIR
R/W
This bit sets the direction of GPIO2
0 = output
1 = input
2
GPIO2_POL
R/W
This bit determines if GPIO2 is active high or low
0 = active low
1 = active high
3
GPIO2_EN
R/W
This bit selects the function of AUX2/GPIO2
0 = AUX2
1 = GPIO2
4
GPIO1_ALEN
R/W
If this bit is 1, GPIO1 is an interrupt source for the ALERT output; clearing this bit masks out GPIO1
as an interrupt source for the ALERT output
5
GPIO1_DIR
R/W
This bit sets the direction of GPIO1
0 = output
1 = input
6
GPIO1_POL
R/W
This bit determines if GPIO1 is active high or low
0 = active low
1 = active high
7
GPIO1_EN
R/W
This bit selects the function of AUX1/GPIO1
0 = AUX1
1 = GPIO1
Rev. E | Page 42 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com