Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7877 Datasheet HTML 18Page - Analog Devices AD7877 Datasheet HTML 19Page - Analog Devices AD7877 Datasheet HTML 20Page - Analog Devices AD7877 Datasheet HTML 21Page - Analog Devices AD7877 Datasheet HTML 22Page - Analog Devices AD7877 Datasheet HTML 23Page - Analog Devices AD7877 Datasheet HTML 24Page - Analog Devices AD7877 Datasheet HTML 25Page - Analog Devices AD7877 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Data Sheet
AD7877
Rev. E | Page 21 of 45
Table 6. Codes for Selecting Input Channel and Normal or Ratiometric Conversion
Channel
SER/DFR
CHADD(3:0)
Analog Input
X Switches
Y Switches
+REF
−REF
0
0
0 0 0 0
X+ (Y position)
Off
On
Y+
Y−
1
0
0 0 0 1
Y+ (X position)
On
Off
X+
X−
2
0
0 0 1 0
Y− (Z2)
X+ off, X− on
Y+ on, Y− off
Y+
X−
3
0
0 01 1
AUX1
Off
Off
VREF
GND
4
0
0 1 00
AUX2
Off
Off
VREF
GND
5
0
0 1 0 1
AUX3
Off
Off
VREF
GND
6
0
0 1 1 0
BAT1
Off
Off
VREF
GND
7
0
0 1 1 1
BAT2
Off
Off
VREF
GND
8
0
1 0 0 0
TEMP1
Off
Off
VREF
GND
9
0
1 0 0 1
TEMP2
Off
Off
VREF
GND
10
0
1 0 1 0
X+ (Z1)
X+ OFF, X− ON
Y+ on Y− off
Y+
X−
-
0
1 0 1 1
Invalid address
-
0
1 1 0 0
Invalid address
-
0
1 1 0 1
Invalid address
-
0
1 1 1 0
Invalid address
-
0
1 1 1 1
Invalid address
0
1
0 0 0 0
X+ (Y position)
Off
On
VREF
GND
1
1
0 0 0 1
Y+ (X position)
On
Off
VREF
GND
2
1
0 0 1 0
Y− (Z2)
X+ off, X− on
Y+ on, Y− off
VREF
GND
3
1
0 0 1 1
AUX1
Off
Off
VREF
GND
4
1
0 1 0 0
AUX2
Off
Off
VREF
GND
5
1
0 1 0 1
AUX3
Off
Off
VREF
GND
6
1
0 1 1 0
BAT1
Off
Off
VREF
GND
7
1
0 1 1 1
BAT2
Off
Off
VREF
GND
8
1
1 0 0 0
TEMP1
Off
Off
VREF
GND
9
1
1 0 0 1
TEMP2
Off
Off
VREF
GND
10
1
1 0 1 0
X+ (Z1)
X+ off, X− on
Y+ on, Y− off
VREF
GND
-
1
10 1 1
Invalid address
-
1
1 1 0 0
Invalid address
-
1
1 1 0 1
Invalid address
-
1
1 1 1 0
Invalid address
-
1
1 1 1 1
Invalid address
CONTROL REGISTER 2
Timer (Control Register 2, Bits[1:0])
The TMR bits in Control Register 2 enable the ADC to
repeatedly perform a conversion or conversion sequence either
once only or at intervals of 512 μs, 1.024 ms, or 8.19 ms. In slave
mode, the timer starts as soon as the conversion sequence is
finished. In master mode, the timer starts at the end of a conversion
sequence only if the screen remains touched. If the touch is
released at any stage, then the timer stops and, the next time the
screen is touched, a conversion sequence begins immediately.
Table 7. Control Register 2 Timer Selection
TMR1
TMR0
Function
0
0
Convert only once (default)
0
1
Every 1024 clocks (512 μs)
1
0
Every 2048 clocks (1.024 ms)
1
1
Every 16,384 clocks (8.19 ms)
Int/Ext Reference (Control Register 2, Bit[2])
If the REF bit in Control Register 2 is 0 (default value), the
internal reference is selected. Buffer any connection made to
VREF while the internal reference is selected (for example, to
supply a reference to other circuits). An external power supply
should not be connected to this pin while REF is equal to 0,
because it might overdrive the internal reference. Because the
internal reference is 2.5 V, it operates only with supply voltages
down to 2.7 V. Below this value, use an external reference.
If the REF bit is 1, the VREF pin becomes an input and the
internal reference is powered down. This overrides any setting
of the PM bits with regard to the reference. An external
reference can then be applied to the REF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com