Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7877 Datasheet HTML 8Page - Analog Devices AD7877 Datasheet HTML 9Page - Analog Devices AD7877 Datasheet HTML 10Page - Analog Devices AD7877 Datasheet HTML 11Page - Analog Devices AD7877 Datasheet HTML 12Page - Analog Devices AD7877 Datasheet HTML 13Page - Analog Devices AD7877 Datasheet HTML 14Page - Analog Devices AD7877 Datasheet HTML 15Page - Analog Devices AD7877 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Data Sheet
AD7877
3145
3135
3125
3115
3105
3095
3085
3075
3065
3055
3045
–50
–30
–10
10
30
50
70
90
TEMPERATURE (
°C)
Figure 18. ADC Code vs. Temperature (2.7 V Supply)
1183
1176
1177
1178
1179
1180
1181
1182
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
Figure 19. Temp1 vs. VCC
982
975
976
977
978
979
980
981
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
Figure 20. Temp0 vs. VCC
TURN-ON TIME (
µs)
0
2.5
6
20
40
60
80
100
120
–20
0
NO CAP
0.711
µs SETTLING TIME
100nF CAP
54.64
µs SETTLING TIME
Figure 21. Internal VREF vs. Turn-On Time
10
–150
–130
–110
–90
–70
–50
–30
–10
0
10k
20k
30k
SNR 70.25dB
THD 78.11dB
40k
FREQUENCY
Figure 22. Typical FFT Plot for the Auxiliary Channels of the AD7877
at 90 kHz Sample Rate and 10 kHz Input Frequency
3.50
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
0
1
2
3
4
5
6
7
8
9
10
SOURCE/SINK CURRENT (mA)
DAC O/P SOURCE ABILITY
DAC O/P SINK ABILITY
Figure 23. DAC Source and Sink Current Capability
Rev. E | Page 11 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com