Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7877 Datasheet HTML 24Page - Analog Devices AD7877 Datasheet HTML 25Page - Analog Devices AD7877 Datasheet HTML 26Page - Analog Devices AD7877 Datasheet HTML 27Page - Analog Devices AD7877 Datasheet HTML 28Page - Analog Devices AD7877 Datasheet HTML 29Page - Analog Devices AD7877 Datasheet HTML 30Page - Analog Devices AD7877 Datasheet HTML 31Page - Analog Devices AD7877 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Data Sheet
AD7877
When the DAC output voltage is zero, it sinks the maximum
current through R1. The feedback current and, therefore, VOUT
are at their maximum. As the DAC output voltage increases, the
sink current and, thus, the feedback current decrease, and VOUT
falls. If the DAC output exceeds VREF, it starts to source current,
and VOUT has to further decrease to compensate. When the
DAC output is at full scale, VOUT is at its minimum.
Note that the effect of the DAC on VOUT is opposite in voltage
mode to that in current mode. In current mode, increasing
DAC code increases the sink current, so VOUT increases with
increasing DAC code. In voltage mode, increasing DAC code
increases the DAC output voltage, reducing the sink current.
Calculate the resistor values as follows:
1. Decide on the feedback current as before.
2. Calculate the parallel combination of R1 and R3 when the
DAC output is zero
RP = VREF/IFB
3. Calculate R2 as before, but use RP and VOUT(MAX)
R2 = RP(VOUT(MAX) − VREF)/VREF
4. Calculate the change in feedback current between
minimum and maximum output voltages as before using
∆I = VR2(MAX)/R2 − VR2(MIN)/R2
This is equal to the change in current through R1 between
zero output and full scale, which is also given by
∆I = current at zero − current at full scale
= V/R1 − (VREF − V)/R1
= V/R1
5. R1 = VFS/∆.
6. Calculate R3 from R1 and R using
R3 = (R1 × RP)/(R1 − RP)
Example:
1. VCC = 5 V and VFS = VCC. VOUT(MIN) is 20 V and VOUT(MAX) is
25 V. VREF is 1.25 V. Allow 100 µA around the feedback loop.
2. RP = 1.25 V/100 µA = 12.5 kΩ.
3. R2 = 12.5 kΩ × (25 Ω − 1.25 Ω)/1.25 Ω = 237 kΩ.
Use the nearest preferred value of 240 kΩ.
4. ∆I = 25 V/240 kΩ − 20 V/240 kΩ = 21 µA.
5. R1 = 5 V/21 µA = 238 kΩ.
Use the nearest preferred value of 250 kΩ.
6. R3 = (180 kΩ × 12.5 kΩ)/(180 kΩ − 12.5 kΩ) = 13.4 kΩ.
Use nearest preferred value of 13 kΩ.
The actual adjustment range using these values is 21 V to 26 V.
Rev. E | Page 27 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com