Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 46 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD7877 Datasheet HTML 38Page - Analog Devices AD7877 Datasheet HTML 39Page - Analog Devices AD7877 Datasheet HTML 40Page - Analog Devices AD7877 Datasheet HTML 41Page - Analog Devices AD7877 Datasheet HTML 42Page - Analog Devices AD7877 Datasheet HTML 43Page - Analog Devices AD7877 Datasheet HTML 44Page - Analog Devices AD7877 Datasheet HTML 45Page - Analog Devices AD7877 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
Data Sheet
AD7877
A
B
C
D
E
0.650
0.590
0.530
SIDE VIEW
0.280
0.240
0.200
0.240
0.220
0.200
0.360
0.320
0.280
COPLANARITY
0.05
SEATING
PLANE
1
2
3
4
5
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.50
BSC
2.00
REF
2.825
2.765
2.705
2.605
2.545
2.485
Figure 51. 25-Ball Wafer Level Chip Scale Package [WLCSP]
2.5 mm × 2.8 mm Body
(CB-25-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
AD7877ACPZ-REEL
−40°C to +85°C
32-Lead LFCSP_VQ
CP-32-2
AD7877ACPZ-REEL7
−40°C to +85°C
32-Lead LFCSP_VQ
CP-32-2
AD7877ACPZ-500RL7
−40°C to +85°C
32-Lead LFCSP_VQ
CP-32-2
AD7877ACBZ-REEL
−40°C to +85°C
25-Ball WLCSP
CB-25-1
AD7877ACBZ-REEL7
−40°C to +85°C
25-Ball WLCSP
CB-25-1
AD7877WACPZ-REEL7
−40°C to +85°C
32-Lead LFCSP_WQ
CP-32-7
EVAL-AD7877EBZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications
AUTOMOTIVE PRODUCTS
The AD7877WACPZ models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2004–2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03796-0-12/14(E)
Rev. E | Page 45 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com