Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7877 Datasheet HTML 21Page - Analog Devices AD7877 Datasheet HTML 22Page - Analog Devices AD7877 Datasheet HTML 23Page - Analog Devices AD7877 Datasheet HTML 24Page - Analog Devices AD7877 Datasheet HTML 25Page - Analog Devices AD7877 Datasheet HTML 26Page - Analog Devices AD7877 Datasheet HTML 27Page - Analog Devices AD7877 Datasheet HTML 28Page - Analog Devices AD7877 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
AD7877
Data Sheet
Rev. E | Page 24 of 45
YES
NO
ONCE-ONLY
MODE?
TIMER
FINISHED?
START TIMER
NO
YES
1SEE SEQUENCER REGISTERS SECTION.
LIMIT COMPARISON
START FCD TIMER
UPDATE ALERT
ENABLE/STATUS
REGISTER
CONVERT
SELECTED CHANNEL
IS FCD
FINISHED?
NO
YES
NO
YES
NO
YES
YES
NO
IS AVERAGING
FINISHED?
WRITE RESULT TO
REGISTERS
ALERT
SOURCE
ENABLED?
IS ACQUISITION
TIME FINISHED?
IS FCD
REQUIRED?
START ACQUISITION TIMER
OUT-OF-LIMIT?
ASSERT ALERT
OUTPUT1
YES
NO
YES
NO
VALID
SEQUENCE 1?
SELECT NEXT
CHANNEL
GO TO MODE 00
LAST CHANNEL
IN SEQUENCE?
YES
IS
SCREEN
TOUCHED?
NO
YES
YES
NO
IS STOPACQ
SIGNAL ACTIVE?
IS STOPACQ
SIGNAL ACTIVE?
NO
YES
YES
NO
IS
SCREEN STILL
TOUCHED?
YES
IS
SCREEN STILL
TOUCHED?
YES
NO
NO
NO
HOST PROGRAMS
AD7877 IN MODE 11
Figure 40. Master Mode Sequencer Operation
INTERRUPTS
Data Available Output (DAV)
The data available output (DAV) indicates that new ADC data
is available in the results registers. While the ADC is idle or is
converting, DAV is high. Once the ADC has finished converting
and new data has been written to the results registers, DAV goes
low. Taking DAV low to read the registers resets DAV to a high
condition. DAV is also reset, if a new conversion is started by
the AD7877 because the timer expired. The host should attempt
to read the results registers only when DAV is low.
CS
DAV
AD7877
STATUS IDLE
SETUP
BY HOST
ADC
CONVERTING
NEW DATA
AVAILABLE
HOST READS
RESULTS
IDLE
tCONV
Figure 41. Operation of DAV Output
DAV is useful as a host interrupt in master mode. In this mode,
the host can program the AD7877 to automatically perform a
sequence of conversions, and can be interrupted by DAV at the
end of each conversion sequence.
When the on-board timer is programmed to perform automatic
conversions, a limited time is available to the host to read the
results registers before another sequence of conversions begins.
The DAV signal is reset high when the timer expires, and the
host should not access the results registers while DAV is high.
Figure 42 shows the worst-case timings for reading the results
registers after DAV has gone low. The timer is set at a
minimum, and the conversion sequence includes all 11 possible
ADC channels. t1 is the time taken for acquisition and
conversion on one ADC channel. t2 shows the minimum timer
delay, that is, 1024 clock periods. t3 is the time taken to read all
11 result registers. If the host wants to read all 11 registers, then
it must do so before the timer expires. t4 is the maximum time
allowable between DAV going low and the host beginning to
read the results registers. If t4 is exceeded, then all registers
cannot be read before the start of a new conversion, and
incorrect data could be read by the host.
DOUT
AD7877
STATUS
CHANNEL 11
CONVERSION AND
ACQUISITION
TIMER INTERVAL
CHNL
1
t1
t2
t3
t4
CS
DAV
Figure 42. Timing for Reads after DAV Goes Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com