Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7877 Datasheet HTML 33Page - Analog Devices AD7877 Datasheet HTML 34Page - Analog Devices AD7877 Datasheet HTML 35Page - Analog Devices AD7877 Datasheet HTML 36Page - Analog Devices AD7877 Datasheet HTML 37Page - Analog Devices AD7877 Datasheet HTML 38Page - Analog Devices AD7877 Datasheet HTML 39Page - Analog Devices AD7877 Datasheet HTML 40Page - Analog Devices AD7877 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
AD7877
Data Sheet
Register Name: Control Register 2
Write Address: 0010
Read Address:
00010
Default Value:
0x000
Type:
Read/write
Table 17.
Bit
Name
Read/Write
Description
0
TMR0
R/W
LSB of conversion interval timer
1
TMR1
R/W
MSB of conversion interval timer
00 = convert only once
01 = every 1024 clock periods (512 µs)
10 = every 2048 clock periods (1.024 ms)
11 = every 16,384 clock periods (8.19 ms)
2
REF
R/W
Selects internal or external reference
0 = internal reference
1 = external reference
3
POL
R/W
Indicates polarity of signal on STOPACQ pin
0 = active low
1 = active high
4
FCD0
R/W
LSB of first conversion delay
5
FCD1
R/W
MSB of first conversion delay
This delay occurs before the first conversion after powering up the ADC, before converting the X and Y
coordinate channels to allow settling, and after the last conversion to allow PENIRQ precharge
00 = 1 clock period delay (500 ns)
01 = 256 clock periods delay (128 µs)
10 = 2048 clock periods delay (1.024 ms)
11 = 16,384 clock periods delay (8.19 ms)
6
PM0
R/W
LSB of ADC power management code
7
PM1
R/W
MSB of ADC power management code
00 = ADC and reference powered down continuously
For the following codes, regardless of PM bits, the reference is always powered down if the REF bit is 1:
01 = ADC and reference powered down when not converting
10 = ADC and reference powered up continuously (master sequencer does not work if PM = 10)
11 = ADC powered down when not converting, reference powered up
8
ACQ0
R/W
LSB of ADC acquisition time
9
ACQ1
R/W
MSB of ADC acquisition time
00 = 4 clock periods (2 µs)
01 = 8 clock periods (4 µs)
10 = 16 clock periods (8 µs)
11 = 32 clock periods (16 µs)
10
AVG0
R/W
LSB of ADC averaging code
11
AVG1
R/W
MSB of ADC averaging code
00 = no averaging (1 conversion per channel)
01 = 4 measurements per channel averaged
10 = 8 measurements per channel averaged
11 = 16 measurements per channel averaged
Rev. E | Page 36 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com