Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7877 Datasheet HTML 15Page - Analog Devices AD7877 Datasheet HTML 16Page - Analog Devices AD7877 Datasheet HTML 17Page - Analog Devices AD7877 Datasheet HTML 18Page - Analog Devices AD7877 Datasheet HTML 19Page - Analog Devices AD7877 Datasheet HTML 20Page - Analog Devices AD7877 Datasheet HTML 21Page - Analog Devices AD7877 Datasheet HTML 22Page - Analog Devices AD7877 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
AD7877
Data Sheet
Temperature Calculations
If an explicit temperature reading in °C is required, then this is
calculated as follows for the single measurement method:
1. Calculate the scale factor of the ADC in degrees per LSB:
Degrees per LSB = ADC LSB size/−2.1 mV =
(VREF/4096)/−2.1 mV
2. Save the ADC output, DCAL, at the calibration
temperature, TCAL.
3. Take ADC reading, DAMB, at the temperature to be
measured, TAMB.
4. Calculate the difference in degrees between TCAL and TAMB
using
∆T = (DAMB − DCAL) × degrees per LSB
5. Add ∆T to TCAL
Example:
The internal 2.5 V reference is used.
1. Degrees per LSB = (2.5/4096)/−2.1 × 10−3 = −0.291
2. The ADC output is 983 decimal at 25°C, equivalent to a
diode forward voltage of 0.6 V.
3. The ADC output at TAMB is 880.
4. ∆T = (880 − 983) × −0.291 = 30°
5. TAMB = 25 + 30 = 55°C
To calculate the temperature explicitly using the differential
method:
1. Calculate the LSB size of the ADC in V:
LSB = VREF/4096
2. Subtract TEMP1 from TEMP2 and multiply by LSB size to
get ∆VBE.
3. Multiply by 2490 and subtract 273 to obtain the
temperature in °C.
Example:
The internal 2.5 V reference is used.
1. LSB size = 2.5 V/4096 = 6.1 × 10−4 V(610 µV)
2. TEMP1 = 880 and TEMP2 = 1103:
∆VBE = (1103 − 880) × 6.1× 10−4 = 0.136 V
3. T = 0.136 × 2490 − 273 = 65°C
BATTERY MEASUREMENT
The AD7877 can monitor battery voltages from 0.5 V to 5 V on
two inputs, BAT1 and BAT2. Figure 34 shows a block diagram
of a battery voltage monitored through the BAT1 pin. The
voltage to the VCC pin of the AD7877 is maintained at the
desired supply voltage via the dc/dc regulator while the input
to the regulator is monitored. This voltage on BAT1 is divided
down by 2 internally, so that a 5 V battery voltage is presented
to the ADC as 2.5 V. To conserve power, the divider circuit is on
only during the sampling of a voltage on BAT1. The BAT2 input
circuitry is identical.
The BAT1 input is ADC Channel 0110b and the result is stored
in Register 10110b. The BAT2 input is ADC Channel 0111b and
the result is stored in Register 10111b.
ADC
0.25V–2.5V
SW
BAT1
VCC
VREF
5k
Ω
5k
Ω
DC-DC
CONVERTER
BATTERY
0.5V TO 5V
Figure 34. Block Diagram of Battery Measurement Circuit
Figure 34 shows the ADC using the internal reference of 2.5 V.
The maximum battery voltage that the AD7877 can measure
changes when a different reference voltage is used. The maxi-
mum voltage that is measurable is VREF × 2, because this voltage
gives a full-scale output from the ADC. If a smaller reference is
used, such as 2 V, then the maximum measurable battery voltage
is 4 V. If a larger reference is used, such as 3.5 V, then the maxi-
mum measurable battery voltage is 7 V. The internal reference is
particularly suited for use when measuring lithium-ion batteries,
wherein the minimum voltage is about 2.7 V and the maximum
voltage is about 4.2 V. A proper choice of external reference
ensures that other voltage ranges can be accommodated.
Rev. E | Page 18 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com