Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7877 Datasheet HTML 35Page - Analog Devices AD7877 Datasheet HTML 36Page - Analog Devices AD7877 Datasheet HTML 37Page - Analog Devices AD7877 Datasheet HTML 38Page - Analog Devices AD7877 Datasheet HTML 39Page - Analog Devices AD7877 Datasheet HTML 40Page - Analog Devices AD7877 Datasheet HTML 41Page - Analog Devices AD7877 Datasheet HTML 42Page - Analog Devices AD7877 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
AD7877
Data Sheet
Register Name: BAT2 Low Limit
Write Address: 1001
Read Address:
01001
Default Value:
0x000
Type:
Read/write
This register contains the 12-bit low limit for Battery
Monitoring Input 2.
Register Name: TEMP1 Low Limit
Write Address: 1010
Read Address:
01010
Default Value:
0x000
Type:
Read/write
This register contains the 12-bit low limit for temperature
measurement.
Register Name: TEMP1 High Limit
Write Address: 1011
Read Address:
01011
Default Value:
0x000
Type:
Read/write
This register contains the 12-bit high limit for temperature
measurement.
Rev. E | Page 38 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com