Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7877 Datasheet HTML 26Page - Analog Devices AD7877 Datasheet HTML 27Page - Analog Devices AD7877 Datasheet HTML 28Page - Analog Devices AD7877 Datasheet HTML 29Page - Analog Devices AD7877 Datasheet HTML 30Page - Analog Devices AD7877 Datasheet HTML 31Page - Analog Devices AD7877 Datasheet HTML 32Page - Analog Devices AD7877 Datasheet HTML 33Page - Analog Devices AD7877 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Data Sheet
AD7877
WRITE TIMING
No serial interface operations can take place when CS is high.
To write to the AD7877, CS must be taken low. To write to the
device, a burst of 16 clock pulses is input to DCLK while the write
data is input to DIN. Data is clocked in on the rising edge of
DCLK. If multiple write operations are to be performed, CS must
be taken high after the end of each write operation before another
write operation can be performed by taking CS low again.
READING DATA
Data is available on the DOUT pin following the falling edge of
CS, when the device is being clocked. The MSB is clocked out
on the falling edge of CS, with subsequent data bits clocked out
on the falling edge of DCLK.
After CS is taken low and the device is clocked, the AD7877
outputs data from the register whose read address is currently
stored in Control Register 1. Once this data has been output,
the address increments automatically. CS must be taken high
between reads. When CS is taken low again, reading continues
from the register whose read address is in Control Register 1,
provided that a write operation does not change the address. If
the register read address reaches 11111b, it is then reset to zero.
This feature allows all registers to be read out in sequence with-
out having to explicitly write all their addresses to the device.
Note that because data-words are 16 bits long, but the data
registers are only 12 bits long, or 8 bits in the case of GPIO
registers, the first four bits of a readback data-word are zeros, or
the first 8 bits in the case of a GPIO register.
VDRIVE PIN
The supply voltage to all pins associated with the serial interface
(DAV, DIN, DOUT, DCLK, CS, PENIRQ, and ALERT) is
separate from the main VCC supply and is connected to the
VDRIVE pin. This allows the AD7877 to be connected directly to
processors whose supply voltage is less than the minimum
operating voltage of the AD7877, in fact, as low as 1.7 V.
Rev. E | Page 29 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com