Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7877 Datasheet HTML 32Page - Analog Devices AD7877 Datasheet HTML 33Page - Analog Devices AD7877 Datasheet HTML 34Page - Analog Devices AD7877 Datasheet HTML 35Page - Analog Devices AD7877 Datasheet HTML 36Page - Analog Devices AD7877 Datasheet HTML 37Page - Analog Devices AD7877 Datasheet HTML 38Page - Analog Devices AD7877 Datasheet HTML 39Page - Analog Devices AD7877 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Data Sheet
AD7877
DETAILED REGISTER DESCRIPTIONS
Register Name: Control Register 1
Write Address: 0001
Read Address:
00001
Default Value:
0x000
Type:
Read/write
Table 16.
Bit
Name
Read/Write
Description
0
MODE0
R/W
LSB of ADC mode code
1
MODE1
R/W
MSB of ADC mode code
00 = no conversion
01 = single conversion
10 = conversion sequence (slave mode)
11 = conversion sequence (master mode)
2
RD0
R/W
LSB of register read address; to read a register, its address must first be written to Control Register 1
3
RD1
R/W
Bit 1 of register read address; to read a register, its address must first be written to Control Register 1
4
RD2
R/W
Bit 2 of register read address; to read a register, its address must first be written to Control Register 1
5
RD3
R/W
Bit 3 of register read address; to read a register, its address must first be written to Control Register 1
6
RD4
R/W
MSB of register read address; to read a register, its address must first be written to Control Register 1
7
CHADD0
R/W
LSB of ADC channel address
8
CHADD1
R/W
Bit 1 of ADC channel address
9
CHADD2
R/W
Bit 2 of ADC channel address
10
CHADD3
R/W
MSB of ADC channel address
0000 = X+ input (Y position)
0001 = Y+ input (X position)
0010 = Y− (Z2) input (used for touch-pressure calculation)
0011 = Auxiliary Input 1 (AUX1)
0100 = Auxiliary Input 2 (AUX2)
0101 = Auxiliary Input 3 (AUX3)
0110 = Battery Monitor Input 1 (BAT1)
0111 = Battery Monitor Input 2 (BAT2)
1000 = Temperature Measurement 1 (used for single conversion)
1001 = Temperature Measurement 2 (used for differential measurement method)
1010 = X+ (Z1) input (used for touch-pressure calculation)
11
SER/DFR
R/W
Selects normal (single-ended) or ratiometric (differential) conversion
0 = ratiometric (differential)
1 = normal (single-ended)
Rev. E | Page 35 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com