Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7877 Datasheet HTML 22Page - Analog Devices AD7877 Datasheet HTML 23Page - Analog Devices AD7877 Datasheet HTML 24Page - Analog Devices AD7877 Datasheet HTML 25Page - Analog Devices AD7877 Datasheet HTML 26Page - Analog Devices AD7877 Datasheet HTML 27Page - Analog Devices AD7877 Datasheet HTML 28Page - Analog Devices AD7877 Datasheet HTML 29Page - Analog Devices AD7877 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Data Sheet
AD7877
If fDCLK = 20 MHz (maximum), then tDCLK = 50 ns.
t2 = 512 µs with timer set to 1024 (TMR bits = 01b)
tWRITE = tREAD = 16 CLK period × tDCLK = 800 ns
t3 = maximum time taken to write read address and read
11 registers = 800 ns (write) + [800 ns (read) × 11] = 9.6 µs.
t4MAX = t2 − t3 = 512 µs − 9.6 µs = 502.4 µs
Pen Interrupt (PENIRQ)
The pen interrupt request output (PENIRQ) goes low whenever
the screen is touched. The pen interrupt equivalent output
circuitry is outlined in Figure 43. This is a digital logic output
with an internal pull-up resistor of 50 kΩ, which means it does
not need an external pull-up. The PENIRQ output idles high.
The PENIRQ circuitry is always enabled, except during
conversions.
X+
TOUCH
SCREEN
Y+
50k
Ω
Y–
X–
PENIRQ
ENABLE
PENIRQ
VCC
VCC
Figure 43. PENIRQ Output Equivalent Circuit
When the screen is touched, PENIRQ goes low. This generates
an interrupt request to the host. When the screen touch ends,
and if the ADC is idle, PENIRQ immediately goes high. If the
ADC is converting, PENIRQ goes high once the ADC becomes
idle. The PENIRQ operation for these two conditions is shown
in Figure 44.
SCREEN
PENIRQ
ADC
STATUS
TOUCHED
NOT
TOUCHED
NOT
TOUCHED
NOT
TOUCHED
NOT
TOUCHED
ADC IDLE
SCREEN
PENIRQ
ADC
STATUS
TOUCHED
ADC IDLE
ADC
CONVERTING
ADC IDLE
RELEASE NOT
DETECTED
PENIRQ
DETECTS
RELEASE
PENIRQ
DETECTS
RELEASE
PENIRQ
DETECTS
TOUCH
PENIRQ
DETECTS
TOUCH
Figure 44. PENIRQ Operation for ADC Idle and ADC Converting
SYNCHRONIZING THE AD7877 TO THE HOST CPU
The two suggested methods for synchronizing the AD7877
to its host CPU are slave mode, in which the mode bits can
be either 01b or 10b, and master mode, in which the mode
bits are 11b.
In slave mode, PENIRQ can be used as an interrupt to the host.
When PENIRQ goes low to indicate that the screen has been
touched, the host is awakened. The host can then program the
AD7877 to begin converting in either Mode 01b or Mode 10b,
and can read the result registers after the conversions are
completed.
In master mode, DAV can also be used as an interrupt to the
host. However, the host should first initialize the AD7877 in
Mode 11b. The host can then go into sleep mode to conserve
power. The wake-up on touch feature of the AD7877 is active in
this mode, therefore, when the screen is touched, the
programmed sequence of conversions begins automatically.
When the DAV signal asserts, the host reads the new data avail-
able in the AD7877 results registers and returns to sleep mode.
This method can significantly reduce the load on the host.
Rev. E | Page 25 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com