Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 16 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 12Page - Texas Instruments LP87322E/F Datasheet HTML 13Page - Texas Instruments LP87322E/F Datasheet HTML 14Page - Texas Instruments LP87322E/F Datasheet HTML 15Page - Texas Instruments LP87322E/F Datasheet HTML 16Page - Texas Instruments LP87322E/F Datasheet HTML 17Page - Texas Instruments LP87322E/F Datasheet HTML 18Page - Texas Instruments LP87322E/F Datasheet HTML 19Page - Texas Instruments LP87322E/F Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
UVLO
SW
Reset
Digital
Logic
Registers
I2C
Enable/
Disable,
Delay
Control
Slew-Rate
Control
Interrupts
nINT
SDA
SCL
EN
VANA
OTP
EPROM
Thermal
Monitor
Oscillator
Buck0
ILIM Det
Pwrgood Det
Overload and
SC Det
Buck1
LDO0
LDO1
ILIM Det
Pwrgood Det
Overload and
SC Det
ILIM Det
Pwrgood Det
Overload
and SC Det
ILIM Det
Pwrgood Det
Overload
and SC Det
Ref &
Bias
Iload ADC
Iload ADC
CLKIN (GPO2)
PGOOD
GPO
Copyright © 2016, Texas Instruments Incorporated
16
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 DC-DC Converters
8.3.1.1 Overview
The LP87322B/D/E/F-Q1 includes two step-down DC-DC converter cores. The cores are designed for flexibility;
most of the functions are programmable, thus giving a possibility to optimize the regulator operation for each
application. The buck regulators deliver 0.7-V to 3.36-V regulated voltage rails from a 2.8-V to 5.5-V supply
voltage.
The LP87322B/D/E/F-Q1 has the following features:
•
DVS support with programmable slew rate
•
Automatic mode control based on the loading (PFM or PWM mode)
•
Forced PWM mode option
•
Optional external clock input to minimize crosstalk
•
Optional spread-spectrum technique to reduce EMI
•
Phase control for optimized EMI
•
Synchronous rectification
•
Current mode loop with PI compensator
•
Soft start
•
Power Good flag with maskable interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com