Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 28 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 24Page - Texas Instruments LP87322E/F Datasheet HTML 25Page - Texas Instruments LP87322E/F Datasheet HTML 26Page - Texas Instruments LP87322E/F Datasheet HTML 27Page - Texas Instruments LP87322E/F Datasheet HTML 28Page - Texas Instruments LP87322E/F Datasheet HTML 29Page - Texas Instruments LP87322E/F Datasheet HTML 30Page - Texas Instruments LP87322E/F Datasheet HTML 31Page - Texas Instruments LP87322E/F Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Buck0
Power Good
EN_PGOOD
_BUCK0
Buck1
PGOOD
Active high
EN_PGOOD
_BUCK1
LDO0
EN_PGOOD
_LDO0
LDO1
EN_PGOOD
_LDO1
TDIE_SD_INT
OVP_INT
Power Good
Power Good
Power Good
Copyright © 2016, Texas Instruments Incorporated
TDIE_WARN_STAT
EN_PGOOD
_TWARN
28
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The PG_FAULT register bits are latched and maintain the fault information until host clears the fault bit by writing
1 to the bit. The PGOOD signal indicates also a thermal shutdown and input overvoltage interrupts, which are
cleared by clearing the interrupt bits.
When regulator voltage is transitioning from one target voltage to another, the PGOOD signal is set inactive.
When the PGOOD signal becomes inactive, the source for the fault can be read from PG_FAULT register. If the
invalid output voltage becomes valid again the PGOOD signal becomes active. Thus the PGOOD signal shows
all the time if the monitored output voltages are valid. The block diagram for this operation is shown in Figure 14
and an example of operation is shown in Figure 15.
The PGOOD signal can be also configured so that it maintains inactive state even when the monitored outputs
are valid but there are PG_FAULT_x bits in PG_FAULT register pending clearance. This type of operation is
selected by setting PGFAULT_GATES_PGOOD bit to 1 in PGOOD_CTRL_2 register.
Figure 14. PGOOD Block Diagram (Continuous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com