Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 51 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 47Page - Texas Instruments LP87322E/F Datasheet HTML 48Page - Texas Instruments LP87322E/F Datasheet HTML 49Page - Texas Instruments LP87322E/F Datasheet HTML 50Page - Texas Instruments LP87322E/F Datasheet HTML 51Page - Texas Instruments LP87322E/F Datasheet HTML 52Page - Texas Instruments LP87322E/F Datasheet HTML 53Page - Texas Instruments LP87322E/F Datasheet HTML 54Page - Texas Instruments LP87322E/F Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
51
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Bits
Field
Type
Default
Description
7
Reserved
R/W
0
6
LDO1_PG_INT
R/W
0
Latched status bit indicating that LDO1 Power-Good event has been detected.
Write 1 to clear.
5
LDO1_SC_INT
R/W
0
Latched status bit indicating that the LDO1 output voltage has been over 1 ms below
short-circuit threshold level.
Write 1 to clear.
4
LDO1_ILIM_INT
R/W
0
Latched status bit indicating that the LDO1 output current limit has been active.
Write 1 to clear.
3
Reserved
R/W
0
2
LDO0_PG_INT
R/W
0
Latched status bit indicating that LDO0 Power-Good event has been detected.
Write 1 to clear.
1
LDO0_SC_INT
R/W
0
Latched status bit indicating that the LDO0 output voltage has been over 1 ms below
short-circuit threshold level.
Write 1 to clear.
0
LDO0_ILIM_INT
R/W
0
Latched status bit indicating that the LDO0 output current limit has been active.
Write 1 to clear.
8.6.1.30 TOP_STAT
Address: 0x1D
D7
D6
D5
D4
D3
D2
D1
D0
PGOOD_STAT
Reserved
SYNC_CLK
_STAT
TDIE_SD
_STAT
TDIE_WARN
_STAT
OVP_STAT
Reserved
Bits
Field
Type
Default
Description
7
PGOOD_STAT
R
0
Status bit indicating the status of PGOOD pin:
0 - PGOOD pin is inactive
1 - PGOOD pin is active
6:5
Reserved
R
00
4
SYNC_CLK_STAT
R
0
Status bit indicating the status of external clock (CLKIN):
0 - External clock frequency is valid
1 - External clock frequency is not valid.
3
TDIE_SD_STAT
R
0
Status bit indicating the status of thermal shutdown:
0 - Die temperature below thermal shutdown level
1 - Die temperature above thermal shutdown level.
2
TDIE_WARN
_STAT
R
0
Status bit indicating the status of thermal warning:
0 - Die temperature below thermal warning level
1 - Die temperature above thermal warning level.
1
OVP_STAT
R
0
Status bit indicating the status of input overvoltage monitoring:
0 - Input voltage below overvoltage threshold level
1 - Input voltage above overvoltage threshold level.
0
Reserved
R
0
8.6.1.31 BUCK_STAT
Address: 0x1E
D7
D6
D5
D4
D3
D2
D1
D0
BUCK1_STAT
BUCK1_PG
_STAT
Reserved
BUCK1_ILIM
_STAT
BUCK0_STAT
BUCK0_PG
_STAT
Reserved
BUCK0_ILIM
_STAT
Bits
Field
Type
Default
Description
7
BUCK1_STAT
R
0
Status bit indicating the enable/disable status of Buck1:
0 - Buck1 regulator is disabled
1 - Buck1 regulator is enabled.
6
BUCK1_PG_STAT
R
0
Status bit indicating Buck1 output voltage validity (raw status)
0 - Buck1 output voltage is valid.
1 - Buck1 output voltage is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com