Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 59 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 59 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 55Page - Texas Instruments LP87322E/F Datasheet HTML 56Page - Texas Instruments LP87322E/F Datasheet HTML 57Page - Texas Instruments LP87322E/F Datasheet HTML 58Page - Texas Instruments LP87322E/F Datasheet HTML 59Page - Texas Instruments LP87322E/F Datasheet HTML 60Page - Texas Instruments LP87322E/F Datasheet HTML 61Page - Texas Instruments LP87322E/F Datasheet HTML 62Page - Texas Instruments LP87322E/F Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D019
Vin=3.3V, AUTO
Vin=5.0V, AUTO
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D021
Output Current (A)
0.001
0.01
0.1
1
2
40
50
60
70
80
90
100
D012
Vout=1V
Vout=1.8V
Vout=2.5V
Output Current (A)
0
0.5
1
1.5
2
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D016
Vin=3.3V, FPWM
Vin=5.0V, FPWM
Output Current (A)
0.001
0.01
0.1
1
2
40
50
60
70
80
90
100
D004
Vin=5V, AUTO
Vin=3.3V, AUTO
Vin=5V, FPWM
Vin=3.3V, FPWM
Output Current (A)
0.001
0.01
0.1
1
2
40
50
60
70
80
90
100
D008
Vout=1V
Vout=1.8V
Vout=2.5V
59
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2.3 Application Curves
Unless otherwise specified: V(VIN_Bx) = V(VIN_LDOx) = V(VANA) = 3.7 V, VOUT_Bx = 1 V, VOUT_LDOx = 1 V, TA = 25°C, L
= 0.47 µH (TOKO DFE252012PD-R47M), COUT_BUCK = 22 µF, and CPOL_BUCK = 22 µF, COUT_LDO = 1 µF.
Measurements are done using connections in the Figure 25.
VOUT = 1.8 V
Figure 26. Buck Efficiency in PFM/PWM and Forced PWM
Mode
VIN = 3.3 V
Figure 27. Buck Efficiency in Forced PWM Mode
VIN = 5 V
Figure 28. Buck Efficiency in Forced PWM Mode
VOUT = 1 V
Figure 29. Buck Output Voltage vs Load Current in Forced
PWM Mode
Figure 30. Buck Output Voltage vs Load Current in
PFM/PWM Mode
VOUT = 1 V
Load = 1 A
Figure 31. Buck Output Voltage vs Input Voltage in PWM
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com