Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 25 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 21Page - Texas Instruments LP87322E/F Datasheet HTML 22Page - Texas Instruments LP87322E/F Datasheet HTML 23Page - Texas Instruments LP87322E/F Datasheet HTML 24Page - Texas Instruments LP87322E/F Datasheet HTML 25Page - Texas Instruments LP87322E/F Datasheet HTML 26Page - Texas Instruments LP87322E/F Datasheet HTML 27Page - Texas Instruments LP87322E/F Datasheet HTML 28Page - Texas Instruments LP87322E/F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
25
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
•
Undervoltage lockout (UVLO) reset from VANA supply
An SW reset occurs when SW_RESET bit is written 1. The bit is automatically cleared after writing. This event
disables all the regulators immediately, drives GPO and GPO2 signals low, resets all the register bits to the
default values and OTP bits are loaded (see Figure 18). I2C interface is not reset during software reset.
If VANA supply voltage falls below the UVLO threshold level then all the regulators are disabled immediately,
GPO and GPO2 signals are driven low, and all the register bits are reset to the default values. When the VANA
supply voltage transition above UVLO threshold level an internal POR occurs. OTP bits are loaded to the
registers and a startup is initiated according to the register settings.
8.3.8 Diagnosis and Protection Features
The LP87322B/D/E/F-Q1 is capable of providing four levels of protection features:
•
Information of valid regulator output voltage which sets interrupt or PGOOD signal;
•
Warnings for diagnosis which sets interrupt;
•
Protection events which are disabling the regulators; and
•
Faults which are causing the device to shutdown.
The LP87322B/D/E/F-Q1 sets the flag bits indicating what protection or warning conditions have occurred, and
the nINT pin is pulled low. nINT is released again after a clear of flags is complete. The nINT signal stays low
until all the pending interrupts are cleared.
When a fault is detected or software requested reset, it is indicated by a RESET_REG_INT interrupt flag in
INT_TOP_2 register after next start-up. If the RESET_REG_MASK is set to masked in the OTP, the interrupt is
not generated. The mask bit change with I2C does not affect, because the RESET_REG_MASK bit is loaded
from OTP during reset sequence.
Table 4. Summary of Interrupt Signals
EVENT
OUTCOME
INTERRUPT BIT
INTERRUPT MASK BIT
STATUS BIT
RECOVERY/INTERRUPT
CLEAR
Buck current limit
triggered
No effect
BUCK_INT
BUCKx_ILIM_INT
BUCKx_ILIM_MASK
BUCKx_ILIM_STAT
Write 1 to BUCKx_ILIM_INT bit
Interrupt is not cleared if current
limit is active
LDO current limit
triggered
No effect
LDO_INT
LDOx_ILIM_INT
LDOx_ILIM_MASK
LDOx_ILIM_STAT
Write 1 to LDOx_ILIM_INT bit
Interrupt is not cleared if current
limit is active
Buck short circuit
(VVOUT < 0.35 V at 1 ms
after enable) or
overload (VVOUT
decreasing below 0.35
V during operation, 1-
ms debounce)
Regulator disable
BUCK_INT
BUCKx_SC_INT
N/A
N/A
Write 1 to BUCKx_SC_INT bit
LDO short circuit (VVOUT
< 0.3 V at 1 ms after
enable) or overload
(VVOUT decreasing
below 0.3 V during
operation, 1-ms
debounce)
Regulator disable
LDO_INT
LDOx_SC_INT
N/A
N/A
Write 1 to LDOx_SC_INT bit
Thermal sarning
No effect
TDIE_WARN_INT
TDIE_WARN_MASK
TDIE_WARN_STAT
Write 1 to TDIE_WARN_INT bit
Interrupt is not cleared if
temperature is above thermal
warning level
Thermal shutdown
All regulators disabled
immediately and GPO
and GPO2 are set to low
TDIE_SD_INT
N/A
TDIE_SD_STAT
Write 1 to TDIE_SD_INT bit
Interrupt is not cleared if
temperature is above thermal
shutdown level
VANA overvoltage
(VANAOVP)
All regulators disabled
immediately and GPO
and GPO2 are set to low
OVP_INT
N/A
OVP_STAT
Write 1 to OVP_INT bit
Interrupt is not cleared if VANA
voltage is above VANAOVP level
Buck power good,
output voltage
becomes valid
No effect
BUCK_INT
BUCKx_PG_INT
BUCKx_PGR_MASK
BUCKx_PG_STAT
Write 1 to BUCKx_PG_INT bit
Buck power good,
output voltage
becomes invalid
No effect
BUCK_INT
BUCKx_PG_INT
BUCKx_PGF_MASK
BUCKx_PG_STAT
Write 1 to BUCKx_PG_INT bit
LDO Power Good,
output voltage
becomes valid
No effect
LDO_INT
LDOx_PG_INT
LDOx_PGR_MASK
LDOx_PG_STAT
Write 1 to LDOx_PG_INT bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com