Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 3 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 3 Page - Texas Instruments

  LP87322E/F Datasheet HTML 1Page - Texas Instruments LP87322E/F Datasheet HTML 2Page - Texas Instruments LP87322E/F Datasheet HTML 3Page - Texas Instruments LP87322E/F Datasheet HTML 4Page - Texas Instruments LP87322E/F Datasheet HTML 5Page - Texas Instruments LP87322E/F Datasheet HTML 6Page - Texas Instruments LP87322E/F Datasheet HTML 7Page - Texas Instruments LP87322E/F Datasheet HTML 8Page - Texas Instruments LP87322E/F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
3
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The ordering number starting with "P8732..." are for prototype devices. The ordering number will change to start with "LP8732..." when
the device is released to market.
(2)
PREVIEW: Device has been announced but is not in production. Samples are available.
5 Device Comparison Table
ORDERABLE DEVICE(1)
BUCK1 VOLTAGE
(L)P87322BRHDRQ1(2)
1200 mV
(L)P87322DRHDRQ1(2)
1800 mV
LP87322ERHDRQ1
1350 mV
LP87322FRHDRQ1
1500 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com