Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 64 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 64 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 60Page - Texas Instruments LP87322E/F Datasheet HTML 61Page - Texas Instruments LP87322E/F Datasheet HTML 62Page - Texas Instruments LP87322E/F Datasheet HTML 63Page - Texas Instruments LP87322E/F Datasheet HTML 64Page - Texas Instruments LP87322E/F Datasheet HTML 65Page - Texas Instruments LP87322E/F Datasheet HTML 66Page - Texas Instruments LP87322E/F Datasheet HTML 67Page - Texas Instruments LP87322E/F Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
64
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.8 V and 5.5 V. The VANA input
and VIN_Bx buck inputs must be connected together and they must use the same input supply. This input supply
must be well regulated and able to withstand maximum input current and maintain stable voltage without voltage
drop even at load transition condition. The resistance of the input supply rail must be low enough that the input
current transient does not cause too high a drop in the LP87322B/D/E/F-Q1 supply voltage that can cause false
UVLO fault triggering. If the input supply is located more than a few inches from the LP87322B/D/E/F-Q1
additional bulk capacitance may be required in addition to the ceramic bypass capacitors. The VIN_LDOx LDO
input supply voltage range is 2.5 V to 5.5 V and can be higher or lower than VANA supply voltage.
11 Layout
11.1 Layout Guidelines
The high frequency and large switching currents of the LP87322B/D/E/F-Q1 make the choice of layout important.
Good power supply results only occur when care is given to proper design and layout. Layout affects noise
pickup and generation and can cause a good design to perform with less-than-expected results. With a range of
output currents from milliamps to several amps, good power supply layout is much more difficult than most
general PCB design. Use the following steps as a reference to ensure the device is stable and maintains proper
voltage and current regulation across its intended operating voltage and current range.
1. Place CIN as close as possible to the VIN_Bx pin and the PGND_Bx pin. Route the VIN trace wide and thick
to avoid IR drops. The trace between the positive node of the input capacitor and the VIN_Bx pin(s) of
LP87322B/D/E/F-Q1, as well as the trace between the negative node of the input capacitor and power
PGND_Bx pin(s), must be kept as short as possible. The input capacitance provides a low-impedance
voltage source for the switching converter. The inductance of the connection is the most important parameter
of a local decoupling capacitor — parasitic inductance on these traces must be kept as small as possible for
proper device operation. The parasitic inductance can be reduced by using a ground plane as close as
possible to top layer by using thin dielectric layer between top layer and ground plane.
2. The output filter, consisting of L and COUT, converts the switching signal at SW_Bx to the noiseless output
voltage. It must be placed as close as possible to the device keeping the switch node small, for best EMI
behavior. Route the traces between the output capacitors of the LP87322B/D/E/F-Q1 and the input
capacitors of the load direct and wide to avoid losses due to the IR drop.
3. Input for analog blocks (VANA and AGND) must be isolated from noisy signals. Connect VANA directly to a
quiet system voltage node and AGND to a quiet ground point where no IR drop occurs. Place the decoupling
capacitor as close as possible to the VANA pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com