Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 26 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 22Page - Texas Instruments LP87322E/F Datasheet HTML 23Page - Texas Instruments LP87322E/F Datasheet HTML 24Page - Texas Instruments LP87322E/F Datasheet HTML 25Page - Texas Instruments LP87322E/F Datasheet HTML 26Page - Texas Instruments LP87322E/F Datasheet HTML 27Page - Texas Instruments LP87322E/F Datasheet HTML 28Page - Texas Instruments LP87322E/F Datasheet HTML 29Page - Texas Instruments LP87322E/F Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
26
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 4. Summary of Interrupt Signals (continued)
EVENT
OUTCOME
INTERRUPT BIT
INTERRUPT MASK BIT
STATUS BIT
RECOVERY/INTERRUPT
CLEAR
(1)
PGOOD_STAT bit is 1 when the PGOOD pin shows valid voltages. PGOOD_POL bit in PGOOD_CTRL_1 register affects only PGOOD
pin polarity, not Power Good and PGOOD_INT interrupt polarity.
(2)
Interrupt is generated during clock-detector operation and if clock is not available when clock detector is enabled.
LDO power good,
output voltage
becomes invalid
No effect
LDO_INT
LDOx_PG_INT
LDOx_PGF_MASK
LDOx_PG_STAT
Write 1 to LDOx_PG_INT bit
PGOOD pin changing
from active to inactive
state
(1)
No effect
PGOOD_INT
PGOOD_MASK
PGOOD_STAT
Write 1 to PGOOD_INT bit
External clock appears
or disappears
No effect to regulators
SYNC_CLK_INT
(2)
SYNC_CLK_MASK
SYNC_CLK_STAT
Write 1 to SYNC_CLK_INT bit
Load current
measurement ready
No effect
I_MEAS_INT
I_MEAS_MASK
N/A
Write 1 to I_MEAS_INT bit
Supply voltage
VANAUVLO triggered
(VANA falling)
Immediate shutdown,
registers reset to default
values
N/A
N/A
N/A
N/A
Supply voltage
VANAUVLO triggered
(VANA rising)
Startup, registers reset to
default values and OTP
bits loaded
RESET_REG_INT
RESET_REG_MASK
N/A
Write 1 to RESET_REG_INT bit
Software requested
reset
Immediate shutdown
followed by power up,
registers reset to default
values
RESET_REG_INT
RESET_REG_MASK
N/A
Write 1 to RESET_REG_INT bit
8.3.8.1 Power-Good Information (PGOOD pin)
In addition to the interrupt-based indication of the current limit and the Power-Good level the LP87322B/D/E/F-
Q1 device supports monitoring with PGOOD signal:
•
Regulator output voltage,
•
Input supply overvoltage,
•
Thermal warning and
•
Thermal shutdown.
Regulator output voltage monitoring (not current limit monitoring) can be selected for PGOOD indication. This
selection is individual for both buck regulators and both LDO regulators and is set by EN_PGOOD_BUCKx bits in
PGOOD_CTRL_1 register and EN_PGOOD_LDOx bits in PGOOD_CTRL_1 register. When a regulator is
disabled, the monitoring is automatically masked to prevent it forcing PGOOD inactive. A thermal warning can be
also selected for PGOOD indication with EN_PGOOD_TWARN bit in PGOOD_CTRL_2 register. The monitoring
from all the output rails, thermal warning (TDIE_WARN_STAT), input overvoltage interrupt (OVP_INT), and
thermal shutdown interrupt (TDIE_SD_INT) are combined, and PGOOD pin is active only if all the selected
sources shows a valid status.
The type of output voltage monitoring for PGOOD signal is selected by PGOOD_WINDOW_x bits in
PGOOD_CTRL_1 register. If the bit is 0, only undervoltage is monitored; if the bit is 1, both undervoltage and
overvoltage are monitored.
The polarity and the output type (push-pull or open-drain) are selected by the PGOOD_POL and PGOOD_OD
bits in the PGOOD_CTRL_1 register.
PGOOD is only active or asserted when all enabled power resource output voltages are within specified
tolerance for each requested/programmed output voltage.
PGOOD is inactive or de-asserted if any enabled power resource output voltages is outside specified tolerance
for each requested/programmed output voltage.
The device OTP setting selects either gated (that is, unusual) or continuous (that is, invalid) mode of operation.
8.3.8.1.1
PGOOD Pin Gated mode
The gated (or unusual) mode of operation is selected by setting PGOOD_MODE bit to 0 in PGOOD_CTRL_2
register.
For the gated mode of operation, PGOOD behaves as follows:
•
PGOOD is set to active or asserted state upon exiting OTP configuration as an initial default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com