Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 18 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 14Page - Texas Instruments LP87322E/F Datasheet HTML 15Page - Texas Instruments LP87322E/F Datasheet HTML 16Page - Texas Instruments LP87322E/F Datasheet HTML 17Page - Texas Instruments LP87322E/F Datasheet HTML 18Page - Texas Instruments LP87322E/F Datasheet HTML 19Page - Texas Instruments LP87322E/F Datasheet HTML 20Page - Texas Instruments LP87322E/F Datasheet HTML 21Page - Texas Instruments LP87322E/F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
FREQUENCY
18
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.4 Spread-Spectrum Mode
Systems with periodic switching signals may generate a large amount of switching noise in a set of narrowband
frequencies (the switching frequency and its harmonics). The usual solution to reduce noise coupling is to add
EMI-filters and shields to the boards. The LP87322B/D/E/F-Q1 has register selectable spread-spectrum mode
which minimizes the need for output filters, ferrite beads, or chokes. In spread spectrum mode, the switching
frequency varies around the center frequency, reducing the EMI emissions radiated by the converter and
associated passive components and PCB traces (see Figure 7). This feature is available only when internal RC
oscillator is used (EN_PLL bit is 0 in PLL_CTRL register), and it is enabled with the EN_SPREAD_SPEC bit in
CONFIG register, and it affects both buck cores.
Where a fixed frequency converter exhibits large amounts of spectral energy at the switching frequency, the spread
spectrum architecture of the LP87322B/D/E/F-Q1 spreads that energy over a large bandwidth.
Figure 7. Spread-Spectrum Modulation
8.3.2 Sync Clock Functionality
The LP87322B/D/E/F-Q1 device contains a CLKIN input to synchronize the switching clock of the buck
regulators with the external clock. The block diagram of the clocking and PLL module is shown in Figure 8.
Depending on the EN_PLL bit in PLL_CTRL register and the external clock availability, the external clock is
selected and interrupt is generated as shown in Table 2. The interrupt can be masked with SYNC_CLK_MASK
bit in TOP_MASK_1 register. The nominal frequency of the external input clock is set by EXT_CLK_FREQ[4:0]
bits in PLL_CTRL register, and it can be from 1 MHz to 24 MHz with 1-MHz steps. The external clock must be
inside accuracy limits (–30%/+10%) of the selected frequency for valid clock detection.
The SYNC_CLK_INT interrupt in INT_TOP_1 register is also generated in cases where the external clock is
expected but it is not available. These cases are start-up (read OTP-to-standby transition) when EN_PLL is 1
and Buck regulator enable (standby-to-active transition) when EN_PLL is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com