Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 40 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 36Page - Texas Instruments LP87322E/F Datasheet HTML 37Page - Texas Instruments LP87322E/F Datasheet HTML 38Page - Texas Instruments LP87322E/F Datasheet HTML 39Page - Texas Instruments LP87322E/F Datasheet HTML 40Page - Texas Instruments LP87322E/F Datasheet HTML 41Page - Texas Instruments LP87322E/F Datasheet HTML 42Page - Texas Instruments LP87322E/F Datasheet HTML 43Page - Texas Instruments LP87322E/F Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
40
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6.1.1 DEV_REV
Address: 0x00
D7
D6
D5
D4
D3
D2
D1
D0
DEVICE_ID[1:0]
Reserved
Bits
Field
Type
Default
Description
7:6
DEVICE_ID[1:0]
R
0x1*
Device specific ID code.
5:0
Reserved
R
00 0010
8.6.1.2 OTP_REV
Address: 0x01
D7
D6
D5
D4
D3
D2
D1
D0
OTP_ID[7:0]
Bits
Field
Type
Default
Description
7:0
OTP_ID[7:0]
R
0x2B,
0x2D,
0x2E,
0x2F*
Identification Code of the OTP EPROM Version.
8.6.1.3 BUCK0_CTRL_1
Address: 0x02
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BUCK0_FPWM
BUCK0_RDIS_
EN
BUCK0_EN_PI
N_CTRL
BUCK0_EN
Bits
Field
Type
Default
Description
7:4
Reserved
R/W
0000
3
BUCK0_FPWM
R/W
0 *
Buck0 mode selection:
0 - Automatic transitions between PFM and PWM modes (AUTO mode)
1 - Forced to PWM operation.
2
BUCK0_RDIS_EN
R/W
1
Enable output discharge resistor (RDIS_Bx) when Buck0 is disabled:
0 - Discharge resistor disabled
1 - Discharge resistor enabled.
1
BUCK0_EN_PIN
_CTRL
R/W
1 *
Enable control for Buck0:
0 - only BUCK0_EN bit controls Buck0
1 - BUCK0_EN bit AND EN pin control Buck0.
0
BUCK0_EN
R/W
1 *
Enable Buck0 regulator:
0 - Buck0 regulator is disabled
1 - Buck0 regulator is enabled.
8.6.1.4 BUCK0_CTRL_2
Address: 0x03
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BUCK0_ILIM[2:0]
BUCK0_SLEW_RATE[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com