Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 24 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 20Page - Texas Instruments LP87322E/F Datasheet HTML 21Page - Texas Instruments LP87322E/F Datasheet HTML 22Page - Texas Instruments LP87322E/F Datasheet HTML 23Page - Texas Instruments LP87322E/F Datasheet HTML 24Page - Texas Instruments LP87322E/F Datasheet HTML 25Page - Texas Instruments LP87322E/F Datasheet HTML 26Page - Texas Instruments LP87322E/F Datasheet HTML 27Page - Texas Instruments LP87322E/F Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
EN
EN_BUCK0
EN
1ms
3ms
EN_BUCK1
1ms
4ms
EN_BUCK0
EN_BUCK1
3ms
1ms
1ms
4ms
Typical sequence
Sequence with short EN low and high periods
Startup cntr
Shutdown cntr
0
0
1
0
0
1
0
1
2
3
4
5
6
0
0
1
2 0
1
2
3
4
5
24
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
In the same way the LDO regulator is selected for delayed control with:
•
LDOx_EN = 1 in LDOx_CTRL register
•
LDOx_EN_PIN_CTRL = 1 in LDOx_CTRL register
•
LDOx_VSET[4:0] bits in LDOx_VOUT register defines the voltage when EN pin is high
•
The delay from rising edge of EN pin to the regulator enable is set by LDOx_STARTUP_DELAY[3:0] bits in
LDOx_DELAY register and
•
The delay from falling edge of EN pin to the regulator disable is set by LDOx_SHUTDOWN_DELAY[3:0] bits
in LDOx_DELAY register.
The GPO (and GPO2) digital output signals can be also controlled as a part of start-up and shutdown
sequencing with the following settings:
•
GPOx_EN = 1 in GPO_CTRL register
•
GPOx_EN_PIN_CTRL = 1 in GPO_CTRL register
•
The
delay
from
rising
edge
of
EN
pin
to
the
rising
edge
of
GPO/GPO2
signal
is
set
by
GPOx_STARTUP_DELAY[3:0] bits in GPOx_DELAY register and
•
The delay from falling edge of EN pin to the falling edge of GPO/GPO2 signal is set by
GPOx_SHUTDOWN_DELAY[3:0] bits in GPOx_DELAY register.
An example of the start-up and shutdown sequences for the buck regulators are shown in Figure 12. The start-up
and shutdown delays for the Buck0 regulator are 1 ms and 4 ms; for the Buck1 regulator start-up and shutdown
delays are 3 ms and 1 ms. The delay settings are used only for enable/disable control with EN signal.
Figure 12. Start-Up and Shutdown Sequencing
8.3.7 Device Reset Scenarios
There are three reset methods implemented on the LP87322B/D/E/F-Q1:
•
Software reset with SW_RESET bit in RESET register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com