Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 65 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 65 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 61Page - Texas Instruments LP87322E/F Datasheet HTML 62Page - Texas Instruments LP87322E/F Datasheet HTML 63Page - Texas Instruments LP87322E/F Datasheet HTML 64Page - Texas Instruments LP87322E/F Datasheet HTML 65Page - Texas Instruments LP87322E/F Datasheet HTML 66Page - Texas Instruments LP87322E/F Datasheet HTML 67Page - Texas Instruments LP87322E/F Datasheet HTML 68Page - Texas Instruments LP87322E/F Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
65
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Layout Guidelines (continued)
4. If remote voltage sensing can be used for the load, connect the LP87322B/D/E/F-Q1 feedback pins FB_Bx to
the respective sense pins on the load capacitor. The sense lines are susceptible to noise. They must be kept
away from noisy signals such as PGND_Bx, VIN_Bx, and SW_Bx, as well as high bandwidth signals such as
the I2C. Avoid both capacitive and inductive coupling by keeping the sense lines short and direct, and close
to each other. Run the lines in a quiet layer. Isolate them from noisy signals by a voltage or ground plane if
possible. If series resistors are used for load current measurement, place them after connection of the
voltage feedback.
5. PGND_Bx, VIN_Bx and SW_Bx must be routed on thick layers. They must not surround inner signal layers
which are not able to withstand interference from noisy PGND_Bx, VIN_Bx and SW_Bx.
6. LDO performance (PSRR, noise and transient response) depend on the layout of the PCB. Best performance
is achieved by placing CIN and COUT as close to the LP87322B/D/E/F-Q1 device as practical. The ground
connections for CIN and COUT must be back to the LP87322B/D/E/F-Q1 AGND with as wide and as short of
a copper trace as is practical and with multiple vias if routing is done on other layer. Avoid connections using
long trace lengths, narrow trace widths, or connection through small via. These add parasitic inductances
and resistance that results in inferior performance especially during transient conditions.
Due to the small package of this converter and the overall small solution size, the thermal performance of the
PCB layout is important. Many system-dependent issues such as thermal coupling, airflow, added heat sinks and
convection surfaces, and the presence of other heat-generating components affect the power dissipation limits of
a given component. Proper PCB layout, focusing on thermal performance, results in lower die temperatures.
Wide power traces come with the ability to sink dissipated heat. This can be improved further on multi-layer PCB
designs with vias to different planes. This results in reduced junction-to-ambient (RθJA) and junction-to-board
(RθJB) thermal resistances, thereby reducing the device junction temperature, TJ. TI strongly recommends
performance of a careful system-level 2D or full 3D dynamic thermal analysis at the beginning product design
process by using a thermal modeling analysis software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com