Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 32 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 28Page - Texas Instruments LP87322E/F Datasheet HTML 29Page - Texas Instruments LP87322E/F Datasheet HTML 30Page - Texas Instruments LP87322E/F Datasheet HTML 31Page - Texas Instruments LP87322E/F Datasheet HTML 32Page - Texas Instruments LP87322E/F Datasheet HTML 33Page - Texas Instruments LP87322E/F Datasheet HTML 34Page - Texas Instruments LP87322E/F Datasheet HTML 35Page - Texas Instruments LP87322E/F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
32
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
In a similar way the overload situation is protected during normal operation. If the output voltage falls below 0.35
V and 0.3 V and remains below the threshold level for 1 ms the regulator is disabled.
In buck regulator short-circuit and overload situations the BUCKx_SC_INT bit in INT_BUCK register and the
INT_BUCKx bit in INT_TOP_1 register are set to 1, the BUCKx_STAT bit in BUCK_STAT register is set to 0, and
the nINT signal is pulled low. In LDO regulator short-circuit and overload situations the LDOx_SC_INT bit in
INT_LDO register and the INT_LDOx bit in INT_TOP_1 register are set to 1, the LDOx_STAT bit in LDO_STAT
register is set to 0, and the nINT signal is pulled low. The host processor clears the interrupt by writing 1 to the
BUCKx_SC_INT or to the LDOx_SC_INT bit. Upon clearing the interrupt the regulator makes a new start-up
attempt if the regulator is in an enabled state.
8.3.8.3.2
Overvoltage Protection
The LP87322B/D/E/F-Q1 device monitors the input voltage from the VANA pin in standby and active operation
modes. If the input voltage rises above VANAOVP voltage level, all the regulators are disabled immediately
(without switching ramp, no shutdown delays), pulldown resistors discharge the output voltages if they are
enabled (BUCKx_RDIS_EN = 1 in BUCKx_CTRL_1 register and LDOx_RDIS_EN = 1 in LDOx_CTRL register),
GPOs are set to logic low level, nINT signal is pulled low, OVP_INT bit in INT_TOP_1 register is set to 1, and
BUCKx_STAT bit in BUCK_STAT register and LDOx_STAT bit in LDO_STAT register are set to 0. The host
processor clears the interrupt by writing 1 to the OVP_INT bit. If the input voltage is above overvoltage detection
level the interrupt is not cleared. The host can read the status of the overvoltage from the OVP_STAT bit in
TOP_STAT register. Regulators cannot be enabled as long as the input voltage is above overvoltage detection
level or the overvoltage interrupt is pending.
8.3.8.3.3
Thermal Shutdown
The LP87322B/D/E/F-Q1 has an overtemperature protection function that operates to protect itself from short-
term misuse and overload conditions. When the junction temperature exceeds around 150°C, the regulators are
disabled immediately (without switching ramp, no shutdown delays), the TDIE_SD_INT bit in INT_TOP_1 register
is set to 1, the nINT signal is pulled low, and the device enters STANDBY. nINT is cleared by writing 1 to the
TDIE_SD_INT bit. If the temperature is above thermal shutdown level the interrupt is not cleared. The host can
read the status of the thermal shutdown from the TDIE_SD_STAT bit in TOP_STAT register. Regulators cannot
be enabled as long as the junction temperature is above thermal shutdown level or the thermal shutdown
interrupt is pending.
8.3.8.4 Fault (Power Down)
8.3.8.4.1
Undervoltage Lockout
When the input voltage falls below VANAUVLO at the VANA pin, the buck and LDO regulators are disabled
immediately (without switching ramp, no shutdown delays), and the output capacitor is discharged using the
pulldown resistor, and the LP87322B/D/E/F-Q1 device enters SHUTDOWN. When V(VANA) voltage is above
VANAUVLO threshold level, the device powers up to STANDBY state.
If the reset interrupt is unmasked by default (OTP bit for RESET_REG_MASK is 0 in TOP_MASK_2 register) the
RESET_REG_INT interrupt bit in INT_TOP_2 register indicates that the device has been in SHUTDOWN. The
host processor must clear the interrupt by writing 1 to the RESET_REG_INT bit. If the host processor reads the
RESET_REG_INT interrupt bit after detecting an nINT low signal, it knows that the input supply voltage has been
below VANAUVLO level (or the host has requested reset with SW_RESET bit in RESET register), and the
registers are reset to default values.
8.3.9 Operation of the GPO Signals
The LP87322B/D/E/F-Q1 device supports up to 2 general purpose output signals, GPO and GPO2. The GPO2
signal is multiplexed with CLKIN signal. The selection between CLKIN and GPO2 pin function is set with
CLKIN_PIN_SEL bit in CONFIG register.
The GPO pins are configured with the following bits:
•
GPOx_OD bit in GPO_CTRL register defines the type of the output, either push-pull with V(VANA) level or open
drain
The logic level of the GPOx pin is set by EN_GPOx bit in GPO_CTRL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com