Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 47 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 43Page - Texas Instruments LP87322E/F Datasheet HTML 44Page - Texas Instruments LP87322E/F Datasheet HTML 45Page - Texas Instruments LP87322E/F Datasheet HTML 46Page - Texas Instruments LP87322E/F Datasheet HTML 47Page - Texas Instruments LP87322E/F Datasheet HTML 48Page - Texas Instruments LP87322E/F Datasheet HTML 49Page - Texas Instruments LP87322E/F Datasheet HTML 50Page - Texas Instruments LP87322E/F Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
47
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6.1.20 CONFIG
Address: 0x13
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
STARTUP_DE
LAY_SEL
SHUTDOWN_
DELAY_SEL
CLKIN_PIN_SE
L
CLKIN_PD
EN2_PD
TDIE_WARN_
LEVEL
EN_SPREAD
_SPEC
Bits
Field
Type
Default
Description
7
Reserved
R/W
0
6
STARTUP_DELAY
_SEL
R/W
0 *
Startup delay range from EN signals.
0 - 0 ms - 7.5 ms with 0.5 ms steps
1 - 0 ms - 15 ms with 1 ms steps
5
SHUTDOWN_DEL
AY_SEL
R/W
0 *
Shutdown delay range from EN signals.
0 - 0 ms - 7.5 ms with 0.5 ms steps
1 - 0 ms - 15 ms with 1 ms steps
4
CLKIN_PIN_SEL
R/W
0 *
CLKIN pin function:
0 - GPO2
1 - CLKIN
3
CLKIN_PD
R/W
0 *
Selects the pull down resistor on the CLKIN input pin. (valid also when selected as
GPO2)
0 - Pull-down resistor is disabled.
1 - Pull-down resistor is enabled.
2
EN_PD
R/W
1 *
Selects the pull down resistor on the EN input pin.
0 - Pull-down resistor is disabled.
1 - Pull-down resistor is enabled.
1
TDIE_WARN_
LEVEL
R/W
1 *
Thermal warning threshold level.
0 - 125°C
1 - 137°C.
0
EN_SPREAD
_SPEC
R/W
0 *
Enable spread spectrum feature:
0 - Disabled
1 - Enabled
8.6.1.21 PLL_CTRL
Address: 0x14
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
EN_PLL
Reserved
EXT_CLK_FREQ[4:0]
Bits
Field
Type
Default
Description
7
Reserved
R/W
0
6
EN_PLL
R/W
0 *
Selection of external clock and PLL operation:
0 - Forced to internal RC oscillator. PLL disabled.
1 - PLL is enabled in STANDBY and ACTIVE modes. Automatic external clock use
when available, interrupt generated if external clock appears or disappears.
5
Reserved
R/W
0
This bit must be set to '0'.
4:0
EXT_CLK_FREQ[4
:0]
R/W
0x01*
Frequency of the external clock (CLKIN):
0x00 - 1 MHz
0x01 - 2 MHz
0x02 - 3 MHz
...
0x16 - 23 MHz
0x17 - 24 MHz
0x18...0x1F - Reserved
See electrical specification for input clock frequency tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com