Electronic Components Datasheet Search
  English  ▼

X  

LP87322E/F Datasheet(PDF) 27 Page - Texas Instruments

Part # LP87322E/F
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322E/F Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP87322E/F Datasheet HTML 23Page - Texas Instruments LP87322E/F Datasheet HTML 24Page - Texas Instruments LP87322E/F Datasheet HTML 25Page - Texas Instruments LP87322E/F Datasheet HTML 26Page - Texas Instruments LP87322E/F Datasheet HTML 27Page - Texas Instruments LP87322E/F Datasheet HTML 28Page - Texas Instruments LP87322E/F Datasheet HTML 29Page - Texas Instruments LP87322E/F Datasheet HTML 30Page - Texas Instruments LP87322E/F Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
V(VANA)
VANA_UVLO
State
Shut
down
Read
OTP
Standby
PGOOD pin
EN pin
VOUT (Buck1)
VOUT (LDO0)
Buck1 internal powergood
LDO0 internal powergood
Active
800us Timer
Buck internal enable
800us Timer
LDO0 internal enable
4ms
2ms
Clear fault
27
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
•
PGOOD status is suspended or unchanged during an 800-µs gated time period, thereby gating-off the status
indication.
•
During normal power-up sequencing and requested voltage changes, PGOOD state is not changed during an
800-µs gated time period. It typically remains active or asserted for normal conditions.
•
During an abnormal power-up sequencing and requested voltage changes, PGOOD status could change to
inactive or de-asserted after an 800-µs gated time period if any output voltage is outside of regulation range.
•
Using the gated mode of operation could allow the PGOOD signal to initiate an immediate power shutdown
sequence if the PGOOD signal is wired-OR with signal connected to EN input. This type of circuit
configuration provides a smart PORz function for processor that eliminates the need for additional
components to generate PORz upon start-up and to monitor voltage levels of key voltage domains.
The fault sets corresponding fault bit 1 in PG_FAULT register. The detected fault must be cleared to continue the
PGOOD monitoring. The overvoltage and thermal shutdown are cleared by writing 1 to the OVP_INT and
TDIE_SD_INT interrupt bits in INT_TOP_1 register. The regulator fault is cleared by writing 1 to the
corresponding register bit in PG_FAULT register. The interrupts can be also cleared with VANA UVLO by
toggling the input supply. An example of PGOOD pin operation in gated mode is shown in Figure 13.
Figure 13. PGOOD Pin Operation in Gated Mode
8.3.8.1.2
PGOOD Pin Continuous Mode
The continuous (or unvalid) mode of operation is selected by setting PGOOD_MODE bit to 1 in
PGOOD_CTRL_2 register.
For the continuous mode of operation, PGOOD behaves as follows:
•
PGOOD is set to active or asserted state upon exiting OTP configuration.
•
PGOOD is set to inactive or de-asserted as soon as regulator is enabled.
•
PGOOD status begins indicating output voltage regulation status immediately and continuously.
•
During power-up sequencing and requested voltage changes, PGOOD will toggle between inactive or de-
asserted while output voltages are outside of regulation ranges and active or asserted when inside of
regulation ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com