Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1044 Datasheet HTML 1Page - Texas Instruments TUSB1044 Datasheet HTML 2Page - Texas Instruments TUSB1044 Datasheet HTML 3Page - Texas Instruments TUSB1044 Datasheet HTML 4Page - Texas Instruments TUSB1044 Datasheet HTML 5Page - Texas Instruments TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
12
11
10
9
8
7
25
28
26
27
36
35
34
33
32
31
30
29
37
38
39
40
DTX2p
DRX1p
UTX2p
URX2p
DRX2p
UTX1n
UTX1p
DTX2n
UTX2n
URX2n
DRX1n
DRX2n
URX1n
URX1p
HPDIN
DTX1p
DTX1n
UEQ0/A0
DEQ1
I2C_EN
VIO_SEL
DEQ0
VCC
Thermal Pad
GND
DIR1
3
TUSB1044
www.ti.com
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RNQ Package
40-Pin (WQFN)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VCC
P
3.3 V Power Supply
2
UEQ1/A1
4 Level I
This pin along with UEQ0 sets the high-frequency equalizer gain for upstream facing URX1, URX2, UTX1,
UTX2 receivers. In I2C Mode, this pin will also set TUSB1044 I2C address. Refer to Table 9.
3
CFG0
4 Level I
CFG0. This pin along with CFG1 will select VOD linearity range and DC gain for all the downstream and
upstream channels. Refer to Table 8 for VOD linearity range and DC gain options.
4
CFG1
4 Level I
CFG1. This pin along with CFG0 will set VOD linearity range and DC gain for all the downstream and
upstream channels. Refer to Table 8 for VOD linearity range and DC gain options.
5
SWAP
2 Level I
This pin swaps all the channel directions and EQ settings of downstream facing and upstream facing data
path inputs.
0 – Do not swap channel directions and EQ settings (Default)
1. – Swap channel directions and EQ settings.
6
VCC
P
3.3V Power Supply
7
SLP_S0#
2 Level I
This pin when asserted low will disable Receiver Detect functionality. While this pin is low and TUSB1044
is in U2/U3, TUSB1044 will disable LOS and LFPS detection circuitry and RX termination for both
channels will remain enabled. If this pin is low and TTUSB1044 is in Disconnect state, the RX detect
functionality will be disabled and RX termination for both channels will be disabled.
0 – RX Detect disabled
1 – RX Detect enabled (Default)
8
DIR0
2 Level I
This pin along with DIR1 sets the data path signal direction format. Refer to Table 4 for signal direction
formats.
0 - Source Side (DFP) Alt Mode format
1 - Sink Side (UFP) Alt Mode format
9
URX2p
Diff I/O
Differential positive input/output for upstream facing RX2 port.
10
URX2n
Diff I/O
Differential negative input/output for upstream facing RX2 port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com