Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 40Page - Texas Instruments TUSB1044 Datasheet HTML 41Page - Texas Instruments TUSB1044 Datasheet HTML 42Page - Texas Instruments TUSB1044 Datasheet HTML 43Page - Texas Instruments TUSB1044 Datasheet HTML 44Page - Texas Instruments TUSB1044 Datasheet HTML 45Page - Texas Instruments TUSB1044 Datasheet HTML 46Page - Texas Instruments TUSB1044 Datasheet HTML 47Page - Texas Instruments TUSB1044 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 22. USB3_MISC Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1-0
USB_COMPLIANCE_CTR
L
R/W
0h
Controls whether compliance mode is determined by FSM or
register.
0h = Compliance mode determined by FSM.
1h = Compliance mode enabled in DFP direction.
2h = Compliance mode enabled in UFP direction.
3h = Compliance mode disabled.
7.6.1.12 USB3_LOS Register (Offset = 23h) [reset = 23h]
USB3_LOS is shown in Figure 34 and described in Table 23.
Return to Summary Table.
Figure 34. USB3_LOS Register
7
6
5
4
3
2
1
0
RESERVED
CFG_LOS_HYST
CFG_LOS_VTH
R-0h
R/W-4h
R/W-3h
Table 23. USB3_LOS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
Reserved
5-3
CFG_LOS_HYST
R/W
4h
Controls LOS hysteresis defined as 20 log (LOS de-assert
threshold/LOS assert threshold).
0h = 0.15 dB
1h = 0.85 dB
2h = 1.45 dB
3h = 2.00 dB
4h = 2.70 dB
5h = 3.00 dB
6h = 3.40 dB
7h = 3.80 dB
2-0
CFG_LOS_VTH
R/W
3h
Controls LOS assert threshold voltage
0h = 67 mV
1h = 72 mV
2h = 79 mV
3h = 85 mV
4h = 91 mV
5h = 97 mV
6h = 105 mV
7h = 112 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com