Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 28Page - Texas Instruments TUSB1044 Datasheet HTML 29Page - Texas Instruments TUSB1044 Datasheet HTML 30Page - Texas Instruments TUSB1044 Datasheet HTML 31Page - Texas Instruments TUSB1044 Datasheet HTML 32Page - Texas Instruments TUSB1044 Datasheet HTML 33Page - Texas Instruments TUSB1044 Datasheet HTML 34Page - Texas Instruments TUSB1044 Datasheet HTML 35Page - Texas Instruments TUSB1044 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
32
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 7. TUSB1044 Receiver Equalization GPIO Control (continued)
Downstream Facing Ports using 1100mV linearity
setting
Upstream Facing Port using 1100mV linearity setting
2
0
F
1.5
1.7
0
F
0.7
0.0
3
0
1
3.0
3.2
0
1
0.9
1.4
4
R
0
4.0
4.1
R
0
1.9
2.4
5
R
R
5.0
5.2
R
R
3.0
3.5
6
R
F
5.9
6.1
R
F
3.8
4.3
7
R
1
6.7
6.9
R
1
4.7
5.2
8
F
0
7.4
7.7
F
0
5.4
6.0
9
F
R
8.0
8.3
F
R
6.0
6.6
10
F
F
8.5
8.8
F
F
6.5
7.2
11
F
1
9.0
9.4
F
1
7.1
7.7
12
1
0
9.4
9.8
1
0
7.5
8.1
13
1
R
9.8
10.3
1
R
7.9
8.6
14
1
F
10.1
10.6
1
F
8.3
9.0
15
1
1
10.5
11.0
1
1
8.6
9.4
7.4.6 Adjustable VOD Linear Range and DC Gain
The CFG0 and CFG1 pins can be used to adjust the TUSB1044 differential output voltage (VOD) swing linear
range and receiver equalization DC gain for both downstream and upstream data path directions. Table 8 details
the available options.
Table 8. VOD Linear Range and DC Gain
Setting
#
CFG1 pin
Level
CFG0 pin
Level
Downstream
DC Gain
(dB)
Upstream
DC Gain (dB)
Downstream
VOD Linear
Range
(mVpp)
Upstream
VOD Linear
Range
(mVpp)
0
0
0
1
0
900
900
1
0
R
0
1
900
900
2
0
F
0
0
900
900
3
0
1
1
1
900
900
4
R
0
0
0
1100
1100
5
R
R
1
0
1100
1100
6
R
F
0
1
1100
1100
7
R
1
2
2
1100
1100
8
F
0
Reserved
Reserved
Reserved
Reserved
9
F
R
Reserved
Reserved
Reserved
Reserved
10
F
F
0
0
1300
1300
11
F
1
Reserved
Reserved
Reserved
Reserved
12
1
0
Reserved
Reserved
Reserved
Reserved
13
1
R
Reserved
Reserved
Reserved
Reserved
14
1
F
Reserved
Reserved
Reserved
Reserved
15
1
1
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com