Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 37Page - Texas Instruments TUSB1044 Datasheet HTML 38Page - Texas Instruments TUSB1044 Datasheet HTML 39Page - Texas Instruments TUSB1044 Datasheet HTML 40Page - Texas Instruments TUSB1044 Datasheet HTML 41Page - Texas Instruments TUSB1044 Datasheet HTML 42Page - Texas Instruments TUSB1044 Datasheet HTML 43Page - Texas Instruments TUSB1044 Datasheet HTML 44Page - Texas Instruments TUSB1044 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41
TUSB1044
www.ti.com
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.7 DisplayPort_2 Register (Offset = 13h) [reset = 0h]
DisplayPort_2 is shown in Figure 29 and described in Table 18.
Return to Summary Table.
Figure 29. DisplayPort_2 Register
7
6
5
4
3
2
1
0
AUX_SNOOP_
DISABLE
RESERVED
AUX_SBU_OVR
DP3_DISABLE
DP2_DISABLE
DP1_DISABLE
DP0_DISABLE
R/W-0h
R-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 18. DisplayPort_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
AUX_SNOOP_DISABLE
R/W
0h
Controls whether DP lanes are enabled based on AUX snooped
value or registers.
0h = AUX snoop enabled.
1h = AUX snoop disabled. DP lanes are controlled by registers.
6
RESERVED
R
0h
Reserved
5-4
AUX_SBU_OVR
R/W
0h
This field overrides the AUXP/N to SBU1/2 connect and disconnect
based on CTL1 and FLIP. Changing this field to 1b will allow traffic
to pass through AUX to SBU regardless of the state of CTLSEL1
and FLIPSEL register.
0h = AUX to SBU connection determined by CTLSEL1 and FLIPSEL
1h = AUXP -> SBU1 and AUXN -> SBU2
2h = AUXP -> SBU2 and AUXN -> SBU1
3h = AUX to SBU open.
3
DP3_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 3. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 3 functionality.
0h = DP Lane 3 enabled.
1h = DP Lane 3 disabled.
2
DP2_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 2. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 2 functionality.
0h = DP Lane 2 enabled.
1h = DP Lane 2 disabled.
1
DP1_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 1. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 1 functionality.
0h = DP Lane 1 enabled.
1h = DP Lane 1 disabled.
0
DP0_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 0. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 0 functionality.
0h = DP Lane 0 enabled.
1h = DP Lane 0 disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com