Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 53Page - Texas Instruments TUSB1044 Datasheet HTML 54Page - Texas Instruments TUSB1044 Datasheet HTML 55Page - Texas Instruments TUSB1044 Datasheet HTML 56Page - Texas Instruments TUSB1044 Datasheet HTML 57Page - Texas Instruments TUSB1044 Datasheet HTML 58Page - Texas Instruments TUSB1044 Datasheet HTML 59Page - Texas Instruments TUSB1044 Datasheet HTML 60Page - Texas Instruments TUSB1044 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
57
TUSB1044
www.ti.com
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
1. RXP/N and TXP/N pairs should be routed with controlled 90-Ω differential impedance (± 15%).
2. Keep away from other high speed signals.
3. Intra-pair routing should be kept to within 2 mils.
4. Length matching should be near the location of mismatch.
5. Each pair should be separated at least by 3 times the signal trace width.
6. The use of bends in differential traces should be kept to a minimum. When bends are used, the number of
left and right bends should be as equal as possible and the angle of the bend should be
≥ 135 degrees. This
will minimize any length mismatch causes by the bends and therefore minimize the impact bends have on
EMI.
7. Route all differential pairs on the same of layer.
8. The number of VIAS should be kept to a minimum. It is recommended to have no more than 1 VIA between
TUSB1044 and Type-C connector and no more than 1 VIA between TUSB1044 and USB3.1 Device/Host.
9. Keep traces on layers adjacent to ground plane.
10. Do NOT route differential pairs over any plane split.
11. Adding Test points will cause impedance discontinuity; and therefore, negatively impacts signal
performance. If test points are used, the test points should be placed in series and symmetrically. The test
points must not be placed in a manner that causes a stub on the differential pair.
12. Assuming 1 dB/inch loss at 5 GHz, the trace length between TUSB1044 and Type-C connector should be
no more than 1.5 inches.
13. Assuming 1 dB/inch loss at 5 GHz, the trace length between TUSB1044 and the USB 3.1 Host/Device
should be no more than 8 inches.
14. ESD protection devices and EMI suppression devices need to be carefully selected and have to have
excellent transient performance at 10 Gbps with flat shunt capacitance characteristics over ±650 mV voltage
range. Note small-signal insertion loss characteristics are insufficient to determine suitability of non-linear
devices (ESD devices) for 10Gbps operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com