Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 30Page - Texas Instruments TUSB1044 Datasheet HTML 31Page - Texas Instruments TUSB1044 Datasheet HTML 32Page - Texas Instruments TUSB1044 Datasheet HTML 33Page - Texas Instruments TUSB1044 Datasheet HTML 34Page - Texas Instruments TUSB1044 Datasheet HTML 35Page - Texas Instruments TUSB1044 Datasheet HTML 36Page - Texas Instruments TUSB1044 Datasheet HTML 37Page - Texas Instruments TUSB1044 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
34
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.5 Programming
For further programmability, the TUSB1044 can be controlled using I2C. The SCL and SDA terminals are used
for I2C clock and I2C data respectively.
Table 9. I2C Slave Address
TUSB1044 I2C Slave Address
UEQ1/A1
Pin Level
UEQ0/A0
Pin Level
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(W/R)
0
0
1
0
0
0
1
0
0
0/1
0
R
1
0
0
0
1
0
1
0/1
0
F
1
0
0
0
1
1
0
0/1
0
1
1
0
0
0
1
1
1
0/1
R
0
0
1
0
0
0
0
0
0/1
R
R
0
1
0
0
0
0
1
0/1
R
F
0
1
0
0
0
1
0
0/1
R
1
0
1
0
0
0
1
1
0/1
F
0
0
0
1
0
0
0
0
0/1
F
R
0
0
1
0
0
0
1
0/1
F
F
0
0
1
0
0
1
0
0/1
F
1
0
0
1
0
0
1
1
0/1
1
0
0
0
0
1
1
0
0
0/1
1
R
0
0
0
1
1
0
1
0/1
1
F
0
0
0
1
1
1
0
0/1
1
1
0
0
0
1
1
1
1
0/1
7.5.1 Use The Following Procedure to Write to TUSB1044 I2C Registers:
1. The master initiates a write operation by generating a start condition (S), followed by the TUSB1044 7-bit
address and a zero-value “W/R” bit to indicate a write cycle .
2. The TUSB1044 acknowledges the address cycle.
3. The master presents the sub-address (I2C register within TUSB10444) to be written, consisting of one byte of
data, MSB-first.
4. The TUSB1044 acknowledges the sub-address cycle.
5. The master presents the first byte of data to be written to the I2C register.
6. The TUSB1044 acknowledges the byte transfer.
7. The master may continue presenting additional bytes of data to be written, with each byte transfer completing
with an acknowledge from the TUSB1044.
8. The master terminates the write operation by generating a stop condition (P).
7.5.2 Use The Following Procedure to Read the TUSB1044 I2C Registers:
1. The master initiates a read operation by generating a start condition (S), followed by the TUSB1044 7-bit
address and a one-value “W/R” bit to indicate a read cycle
2. The TUSB1044 acknowledges the address cycle.
3. The TUSB1044 transmit the contents of the memory registers MSB-first starting at register 00h or last read
sub-address+1. If a write to the T I2C register occurred prior to the read, then the TUSB1044 shall start at
the sub-address specified in the write.
4. The TUSB1044 shall wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the master
after each byte transfer; the I2C master acknowledges reception of each data byte transfer.
5. If an ACK is received, the TUSB1044 transmits the next byte of data.
6. The master terminates the read operation by generating a stop condition (P).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com