Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 33Page - Texas Instruments TUSB1044 Datasheet HTML 34Page - Texas Instruments TUSB1044 Datasheet HTML 35Page - Texas Instruments TUSB1044 Datasheet HTML 36Page - Texas Instruments TUSB1044 Datasheet HTML 37Page - Texas Instruments TUSB1044 Datasheet HTML 38Page - Texas Instruments TUSB1044 Datasheet HTML 39Page - Texas Instruments TUSB1044 Datasheet HTML 40Page - Texas Instruments TUSB1044 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
37
TUSB1044
www.ti.com
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.1 General_1 Register (Offset = Ah) [reset = 1h]
General_1 is shown in Figure 23 and described in Table 12.
Return to Summary Table.
Figure 23. General_1 Register
7
6
5
4
3
2
1
0
RESERVED
RESERVED
SWAP_SEL
EQ_OVERRID
E
HPDIN_OVER
RIDE
FLIP_SEL
CTLSEL[1:0]
R-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-1h
Table 12. General_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
RESERVED
R/W
0h
Reserved
5
SWAP_SEL
R/W
0h
Setting this field performs a global direction swap on all the
channels.
0h = Channel directions and EQ settings are in normal mode
1h = Reverse all channel directions and EQ settings for the input
ports.
4
EQ_OVERRIDE
R/W
0h
Setting this field will allow software to use EQ settings from registers
instead of value sampled from pins.
0h = EQ settings based on sampled state of EQ pins.
1h = EQ settings based on programmed value of each of the EQ
registers.
3
HPDIN_OVERRIDE
R/W
0h
Overrides HPDIN pin state.
0h = HPD_IN based on HPD_IN pin.
1h = HPD_IN high.
2
FLIP_SEL
R/W
0h
FLIPSEL
0h = Normal Orientation
1h = Flip orientation.
1-0
CTLSEL[1:0]
R/W
1h
Controls the DP and USB modes.
0h = Disabled. All RX and TX for USB3 and DisplayPort are
disabled.
1h = USB3.1 only enabled.
2h = Four Lanes of DisplayPort enabled.
3h = USB3.1 and Two DisplayPort Lanes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com