Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 38Page - Texas Instruments TUSB1044 Datasheet HTML 39Page - Texas Instruments TUSB1044 Datasheet HTML 40Page - Texas Instruments TUSB1044 Datasheet HTML 41Page - Texas Instruments TUSB1044 Datasheet HTML 42Page - Texas Instruments TUSB1044 Datasheet HTML 43Page - Texas Instruments TUSB1044 Datasheet HTML 44Page - Texas Instruments TUSB1044 Datasheet HTML 45Page - Texas Instruments TUSB1044 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.8 SOFT_RESET Register (Offset = 1Bh) [reset = 0h]
SOFT_RESET is shown in Figure 30 and described in Table 19.
Return to Summary Table.
Figure 30. SOFT_RESET Register
7
6
5
4
3
2
1
0
I2C_RST
DPCD_RST
RESERVED
RH/WS-0h
RH/WS-0h
R-0h
Table 19. SOFT_RESET Register Field Descriptions
Bit
Field
Type
Reset
Description
7
I2C_RST
RH/WS
0h
Resets I2C registers to default values. This field is self-clearing.
6
DPCD_RST
RH/WS
0h
Resets DPCD registers to default values. This field is self-clearing.
5-0
RESERVED
R
0h
Reserved
7.6.1.9 DFP2_EQ Register (Offset = 20h) [reset = 0h]
DFP2_EQ is shown in Figure 31 and described in Table 20.
Return to Summary Table.
Figure 31. DFP2_EQ Register
7
6
5
4
3
2
1
0
DTX2EQ_SEL
DRX2EQ_SEL
R/W-0h
R/W-0h
Table 20. DFP2_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DTX2EQ_SEL
R/W
0h
Field selects EQ for DTX2P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
DEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
DTX2P/N pins based on value written to this field.
3-0
DRX2EQ_SEL
R/W
0h
Field selects EQ for DRX2P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
DEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
DRX2P/N pins based on value written to this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com