Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments TUSB1044 Datasheet HTML 10Page - Texas Instruments TUSB1044 Datasheet HTML 11Page - Texas Instruments TUSB1044 Datasheet HTML 12Page - Texas Instruments TUSB1044 Datasheet HTML 13Page - Texas Instruments TUSB1044 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB 3.1
tIDLEEntry
Delay from U0 to electrical idle
Refer to Figure 4
0.16
ns
tIDLEExit_U
1
U1 exist time: break in electrical idle to
the transmission of LFPS
Refer to Figure 4
0.16
ns
tIDLEExit_U
2U3
U2/U3 exit time: break in electrical idle to
transmission of LFPS
5
µs
tRXDET_IN
TVL
RX detect interval while in Disconnect
12
ms
tIDLEExit_D
ISC
Disconnect Exit Time
12
ms
tExit_SHTD
N
Shutdown Exit Time
CTL0 = Vcc/2 to U2U3
0.5
ms
tDIFF_DLY
Differential Propagation Delay
Refer to Figure 3
300
ps
tPWRUPAC
TIVE
Time when Vcc reaches 70% to device
active
1
ms
tR/F
Output Rise/Fall Time
20%-80% of differential voltage
measured 1.7 inch from the output pin;
Input signal rise/fall faster than 35ps;
Refer to Figure 5
35
ps
tRF-MM
Output Rise/Fall time mismatch
20%-80% of differential voltage
measured 1.7 inch from the output pin
2.6
ps
AUXP/N and SBU1/2
tAUX_PD
Switch propagation delay
Refer to Figure 3
1050
ps
tAUX_SW_
OFF
Switching time CTL1 to switch OFF.
Refer to Figure 7
500
ns
tAUX_SW_
ON
Switching time CTL1 to switch ON
Refer to Figure 6
500
ns
tAUX_INTR
A
Intra-pair output skew
100
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com