Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 29Page - Texas Instruments TUSB1044 Datasheet HTML 30Page - Texas Instruments TUSB1044 Datasheet HTML 31Page - Texas Instruments TUSB1044 Datasheet HTML 32Page - Texas Instruments TUSB1044 Datasheet HTML 33Page - Texas Instruments TUSB1044 Datasheet HTML 34Page - Texas Instruments TUSB1044 Datasheet HTML 35Page - Texas Instruments TUSB1044 Datasheet HTML 36Page - Texas Instruments TUSB1044 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
33
TUSB1044
www.ti.com
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.4.7 USB3.1 Modes
The TUSB1044 monitors the physical layer conditions like receiver termination, electrical idle, LFPS, and
SuperSpeed signaling rate to determine the state of the USB3.1 interface. Depending on the state of the USB
3.1 interface, the TUSB1044 can be in one of four primary modes of operation when USB 3.1 is enabled (CTL0 =
H or CTLSEL0 = 1b1): Disconnect, U2/U3, U1, and U0.
The Disconnect mode is the state in which TUSB1044 has not detected far-end termination on both upstream
facing port (UFP) or downstream facing port (DFP). The disconnect mode is the lowest power mode of each of
the four modes. The TUSB1044 remains in this mode until far-end receiver termination has been detected on
both UFP and DFP. The TUSB1044 immediately exits this mode and enter U0 once far-end termination is
detected.
Once in U0 mode, the TUSB1044 redrives all traffic received on UFP and DFP. U0 is the highest power mode of
all USB3.1 modes. The TUSB1044 remains in U0 mode until electrical idle occurs on both UFP and DFP. Upon
detecting electrical idle, the TUSB1044 immediately transitions to U1.
The U1 mode is the intermediate mode between U0 mode and U2/U3 mode. In U1 mode, the TUSB1044 UFP
and DFP receiver termination remain enabled. The UFP and DFP transmitter DC common mode is maintained.
The power consumption in U1 is similar to power consumption of U0.
Next to the disconnect mode, the U2 and U3 mode is next lowest power state. While in this mode, the
TUSB1044 periodically performs far-end receiver detection. Anytime the far-end receiver termination is not
detected on either UFP or DFP, the TUSB1044 leaves the U2 and U3 mode and transition to the Disconnect
mode. It also monitors for a valid LFPS. Upon detection of a valid LFPS, the TUSB1044 immediately transitions
to the U0 mode. In U2 and U3 mode, the TUSB1044 receiver terminations remains enabled, but the TX DC
common mode voltage is not maintained.
When SLP_S0# is asserted low, it disables Receiver Detect functionality. While SLP_S0# is low and TUSB1044
is in U2 and U3, TUSB1044 disables LOS and LFPS detection circuitry and RX termination for both channels
remains enabled. This allows even lower TUSB1044 power consumption while in the U2 and U3 mode. Once
SLP_S0# is asserted high, the TUSB1044 will again start performing far-end receiver detection as well as
monitor LFPS so it can know when to exit the U2 and U3 mode.
When SLP_S0# is asserted low and the TUSB1044 is in Disconnect mode, the TUSB1044 will remain in
Disconnect mode and never perform far-end receiver detection. This allows even lower TUSB1044 power
consumption while in the Disconnect mode. Once SLP_S0# is asserted high, the TUSB1044 will again start
performing far-end receiver detection so it can know when to exit the Disconnect mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com