Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 5Page - Texas Instruments TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments TUSB1044 Datasheet HTML 10Page - Texas Instruments TUSB1044 Datasheet HTML 11Page - Texas Instruments TUSB1044 Datasheet HTML 12Page - Texas Instruments TUSB1044 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
TUSB1044
www.ti.com
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CAC-
COUPLING
AC Coupling capacitor
75
265
nF
RTX-CM
Common-mode impedance of the driver
Measured with respect to AC ground
over 0-500 mV
18
30
Ω
ITX-SHORT TX short circuit current
TX + /- shorted to GND
74
mA
RLTX-DIFF Differential Return Loss
50 MHz – 2.5 GHz at 90 Ω
-13
dB
RLTX-DIFF Differential Return Loss
5 GHz at 90 Ω
-10.5
dB
RLTX-CM
Common Mode Return Loss
50 MHz – 5 GHz at 90 Ω
-10
dB
AC Characteristics
Crosstalk
Differential Cross Talk between TX and
RX signal Pairs
At 5 GHz
-30
dB
GLF
Low-frequency voltage gain for 0dB
setting.
At 100 MHz; 200 mVpp < VID < 2000
mVpp; 0 dB DC Gain;
-1
0
1
dB
CP1 dB-
LF-1100
Low-frequency 1-dB compression point
At 100 MHz; 200 mVpp < VID < 2000
mVpp; 1100mVpp linearity setting;
1100
mVpp
CP1 dB-
HF-1100
High-frequency 1-dB compression point
At 5 GHz; 200 mVpp < VID < 2000
mVpp; 1100mVpp linearity setting;
1200
mVpp
fLF
Low-frequency cutoff
200 mVpp < VID < 2000 mVpp
22
50
kHz
DJ
TX output deterministic jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
10 Gbps
0.07
UIpp
DJ
TX output deterministic jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
8.1 Gbps
0.07
UIpp
TJ
TX output total jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
10 Gbps
0.11
UIpp
TJ
TX output total jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
8.1 Gbps
0.11
UIpp
DisplayPort Receiver (UTX1P/N, UTX2P/N, URX1P/N, URX2P/N)
VID_PP
Peak-to-peak input differential dynamic
voltage range
1500
V
VIC
Input Common Mode Voltage
0
V
CAC
AC coupling capacitance
75
265
nF
EQDP
Receiver Equalizer
DPEQ1, DPEQ0 at 4.05 GHz
9.5
dB
dR
Data rate
HBR3
8.1
Gbps
Rti
Input Termination resistance
80
100
120
Ω
DisplayPort Transmitter (DTX1P/N, DTX2P/N, DRX1P/N, DRX2P/N)
VTX-
DIFFPP
VOD dynamic range
1500
mV
AUXP/N and SBU1/2
RON
Output ON resistance
VCC = 3.3 V; VI = 0 to 0.4 V for AUXP; VI
= 2.7 V to 3.6 V for AUXN
5
12
Ω
ΔRON
ON resistance mismatch within pair
VCC = 3.3 V; VI = 0 to 0.4 V for AUXP; VI
= 2.7 V to 3.6 V for AUXN
1.3
Ω
RON_FLAT
ON resistance flatness (RON max –
RON min) measured at identical VCC
and temperature
VCC = 3.3 V; VI = 0 to 0.4 V for AUXP; VI
= 2.7 V to 3.6 V for AUXN
2
Ω
VAUXP_D
C_CM
AUX Channel DC common mode voltage
for AUXP and SBU1.
VCC = 3.3 V
0
0.4
V
VAUXN_D
C_CM
AUX Channel DC common mode voltage
for AUXN and SBU2
VCC = 3.3 V
2.7
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com