Electronic Components Datasheet Search
  English  ▼

X  

TUSB1044 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 4Page - Texas Instruments TUSB1044 Datasheet HTML 5Page - Texas Instruments TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments TUSB1044 Datasheet HTML 10Page - Texas Instruments TUSB1044 Datasheet HTML 11Page - Texas Instruments TUSB1044 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
I2C_EN ! = 0; IOL = 3 mA
0
0.4
V
IOL
Low-level output current
I2C_EN ! = 0; VOL = 0.4 V
20
mA
II_I2C
Input current on SDA pin
0.1*VI2C < Input voltage < 3.3 V
-10
10
µA
Ci_I2C
Input capacitance
0.5
5
pF
USB Gen 2 Differential Receiver (UTX1P/N, UTX2P/N, DRX1P/N, DRX2P/N)
VRX-DIFF-
PP
Input differential peak-peak voltage
swing dynamic range
AC-coupled differential peak-to-peak
signal measured post CTLE through a
reference channel
2000
mVpp
VRX-DC-
CM
Common-mode voltage bias in the
receiver (DC)
0
V
RRX-DIFF-
DC
Differential input impedance (DC)
Present after a GEN 2 device is detected
on TXP/TXN
72
120
Ω
RRX-CM-
DC
Receiver DC Common Mode impedance
Present after a GEN 2 device is detected
on TXP/TXN
18
30
Ω
ZRX-HIGH-
IMP-DC-
POS
Common-mode input impedance with
termination disabled (DC)
Present when no GEN 2 device is
detected on TXP/TXN. Measured over
the range of 0-500 mV with respect to
GND.
25
kΩ
VSIGNAL-
DET-DIFF-
PP
Input Differential peak-to-peak Signal
Detect Assert Level
10 Gbps PRBS7 pattern; low loss input
channel;
80
mV
VRX-IDLE-
DET-DIFF-
PP
Input Differential peak-to-peak Signal
Detect De-assert Level
10 Gbps PRBS7 pattern; low loss input
channel;
60
mV
VRX-LFPS-
DET-DIFF-
PP
Low-frequency Periodic Signaling (LFPS)
Detect Threshold
Below the minimum is squelched.
100
300
mV
CRX
RX input capacitance to GND
At 5 GHz
0.3
pF
RLRX-
DIFF
Differential Return Loss
50 MHz – 2.5 GHz at 90 Ω
-13
dB
RLRX-
DIFF
5 GHz at 90 Ω
-12
dB
RLRX-CM
Common Mode Return Loss
50 MHz – 5 GHz at 90 Ω
-10.5
dB
EQSSP
Receiver equalization at maximum
setting
UEQ[1:0] and DEQ[1:0]. at 5 GHz.
10
dB
USB Gen 2 Differential Transmitter (DTX1P/N, DTX2P/N, URX1P/N, URX2P/N)
VTX-DIFF-
PP
Transmitter dynamic differential voltage
swing range.
1500
mVpp
VTX-RCV-
DETECT
Amount of voltage change allowed
during Receiver Detection
At 3.3 V
600
mV
VTX-CM-
IDLE-
DELTA
Transmitter idle common-mode voltage
change while in U2/U3 and not actively
transmitting LFPS
measured at the connector side of the
AC coupling caps with 50 ohm load
-600
600
mV
VTX-DC-
CM
Common-mode voltage bias in the
transmitter (DC)
1.75
2.3
V
VTX-CM-
AC-PP-
ACTIVE
Tx AC Common-mode voltage active
Rx EQ setting matches input channel
loss; Max mismatch from Txp + Txn for
both time and amplitude; -40
℃ to 85℃;
100
mVpp
VTX-IDLE-
DIFF-AC-
PP
AC Electrical idle differential peak-to-
peak output voltage
At package pins
0
10
mV
VTX-IDLE-
DIFF-DC
DC Electrical idle differential output
voltage
At package pins after low-pass filter to
remove AC component
0
14
mV
RTX-DIFF
Differential impedance of the driver
75
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com