Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 225 page
background image
Rev. 1.00
5�
�an�a�� 0�� �01�
Rev. 1.00
53
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
1�MHz
0pF
0pF
1�MHz
0pF
0pF
8MHz
0pF
0pF
�MHz
0pF
0pF
4MHz
0pF
0pF
1MHz
100pF
100pF
Note: C1 and C� val�es a�e fo� g�idance onl�.
Crystal Recommended Capacitor Values
Internal High Speed RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorisoneofthehighfrequencyoscillatorchoices,whichisselectedbythe
FHSbitandenabledbytheHIRCENbit.TheinternalRCoscillatorhasthreefrequenciesof4MHz,
8MHzor12MHz,selectedbyHIRC1~HIRC0bitsinSCCregister.Devicetrimmingduringthe
manufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareusedto
ensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimised.Notethatifthisinternalsystemclockoptionisselected,asit
requiresnoexternalpinsforitsoperation.
External 32.768kHz Crystal Oscillator – LXT
TheExternal32.768kHzCrystalSystemOscillatorisoneofthelowfrequencyoscillatorchoices,
whichisselectedbytheFSSbitandenabledbytheLXTENbit.Thisclocksourcehasafixed
frequencyof32.768kHzandrequiresa32.768kHzcrystaltobeconnectedbetweenpinsXT1
andXT2.Theexternalresistorandcapacitorcomponentsconnectedtothe32.768kHzcrystal
arenecessarytoprovideoscillation.Forapplicationswhereprecisefrequenciesareessential,
thesecomponentsmayberequiredtoprovidefrequencycompensationduetodifferentcrystal
manufacturingtolerances.AftertheLXToscillatorisenabledbysettingtheLXTENbitto1,thereis
atimedelayassociatedwiththeLXToscillatorwaitingforittostart-up.
WhenthemicrocontrollerenterstheSLEEPorIDLEMode,thesystemclockisswitchedofftostop
microcontrolleractivityandtoconservepower.However,inmanymicrocontrollerapplicationsit
maybenecessarytokeeptheinternaltimersoperationalevenwhenthemicrocontrollerisinthe
SLEEPorIDLEMode.Todothis,anotherclock,independentofthesystemclock,mustbeprovided.
However,forsomecrystals,toensureoscillationandaccuratefrequencygeneration,itisnecessary
toaddtwosmallvalueexternalcapacitors,C1andC2.TheexactvaluesofC1andC2shouldbe
selectedinconsultationwiththecrystalorresonatormanufacturer’sspecification.Theexternal
parallelfeedbackresistor,RP,isrequired.
Thepin-sharedsoftwarecontrolbitsdetermineiftheXT1/XT2pinsareusedfortheLXToscillator
orasI/Oorotherpin-sharedfunctionalpins.
• IftheLXToscillatorisnotusedforanyclocksource,theXT1/XT2pinscanbeusedasnormalI/O
orotherpin-sharedfunctionalpins.
• IftheLXToscillatorisusedforanyclocksource,the32.768kHzcrystalshouldbeconnectedto
theXT1/XT2pins.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com