Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 225 page
background image
Rev. 1.00
�0
�an�a�� 0�� �01�
Rev. 1.00
�1
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
LVD & LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
—
LVR enable� voltage select 1.�V
-5%
1.� +5%
V
LVR enable� voltage select 1.9V
-5%
1.9 +5%
LVR enable� voltage select �.55V
-3% �.55 +3%
LVR enable� voltage select 3.15V
-3% 3.15 +3%
LVR enable� voltage select 3.8V
-3%
3.8 +3%
VLVD
Low Voltage Detection Voltage
—
LVD enable� voltage select 1.8V
-5%
1.8 +5%
V
LVD enable� voltage select �.0V
-5%
�.0 +5%
LVD enable� voltage select �.4V
-5%
�.4 +5%
LVD enable� voltage select �.�V
-5%
�.� +5%
LVD enable� voltage select 3.0V
-5%
3.0 +5%
LVD enable� voltage select 3.3V
-5%
3.3 +5%
LVD enable� voltage select 3.�V
-5%
3.� +5%
LVD enable� voltage select 4.0V
-5%
4.0 +5%
ILVRLVDBG
Ope�ating C���ent
3V
LVD enable� LVR enable�
VLVR=1.9V� VLVD=�V� PGAIS=0
—
—
10
μA
5V
—
8
15
3V
LVD enable� LVR enable�
VLVR=1.9V� VLVD=�V� PGAIS=1
—
—
100
μA
5V
—
80
115
tLVDS
LVDO Stable Time
—
Fo� LVR enable� PGAIS=0�
LVD off → on
—
—
15
μs
Fo� LVR disable� PGAIS=0�
LVD off → on
—
—
150
tLVR
Minim�m Low Voltage Width to
Reset
—
—
1�0 �40 480
μs
tLVD
Minim�m Low Voltage Width to
Inte���pt
—
—
�0
1�0 �40
μs
ILVR
Additional C���ent fo� LVR
Enable
5V
LVD disable� PGAIS=0
—
—
8
μA
ILVD
Additional C���ent fo� LVD
Enable
5V
LVR disable� PGAIS=0
—
—
8
μA
Internal Reference Voltage Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VBG
Bandgap Refe�ence Voltage
—
—
-3%
1.�
+3%
V
IBG
Additional C���ent fo� Bandgap
Refe�ence Enable
—
LVR disable� LVD disable
—
—
110
μA
tBGS
VBG T��n On Stable Time
—
No load
—
—
50
μs
Note:1.Alltheaboveparametersaremeasuredunderconditionsofnoloadconditionunlessotherwisedescribed.
2.A0.1μFceramiccapacitorshouldbeconnectedbetweenVDDandGND.
3.TheVBGvoltageisusedastheA/Dconverterreferencevoltageinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com