Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 225 page
background image
Rev. 1.00
30
�an�a�� 0�� �01�
Rev. 1.00
31
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
In Application Programming – IAP
ThedeviceoffersIAPfunctiontoupdatedataorapplicationprogramtoFlashROM.Userscan
defineanyROMlocationforIAP,buttherearesomefeatureswhichusermustnoticeinusingIAP
function.
• Erasepage:64words/page
• Writing:64words/time
• Reading:1word/time
In Application Programming Control Register
TheAddressregisters,FARLandFARH,theDataregisters,FD0L/FD0H,FD1L/FD1H,FD2L/
FD2H and FD3L/FD3H, together with the Control registers, FC0, FC1 and FC2, are the
correspondingFlashaccessregisterslocatedinDataMemoryallsectorsforIAP.Theycanbe
directlyaccessedinthesamewayasmanyotherSpecialFunctionRegisters.Howeverifusing
theindirectaddressingmethodtoaccesstheFC0,FC1andFC2registersinothersectorsexcept
insector0,allreadandwriteoperationstotheseregistersmustbeperformedusingtheIndirect
AddressingRegister,IAR1orIAR2,andtheMemoryPointerpairs,MP1L/MP1HorMP2L/MP2H.
Forexample,ifthecontrolregistersFC0,FC1andFC2insector1arewanted,astheseregistersare
locatedattheaddressof67H~69HinDataMemorysector1,thedesiredvaluerangedfrom67Hto
69HmustbewrittenintotheMP1LorMP2LMemoryPointerlowbyteandthevalue"01H"must
alsobewrittenintotheMP1HorMP2HMemoryPointerhighbyte.
Register
Name
Bit
7
6
5
4
3
2
1
0
FC0
CFWEN
FMOD�
FMOD1
FMOD0
FWPEN
FWT
FRDEN
FRD
FC1
D�
D�
D5
D4
D3
D�
D1
D0
FC�
—
—
—
—
—
—
—
CLWB
FARL
A�
A�
A5
A4
A3
A�
A1
A0
FARH
—
—
A13
A1�
A11
A10
A9
A8
FD0L
D�
D�
D5
D4
D3
D�
D1
D0
FD0H
D15
D14
D13
D1�
D11
D10
D9
D8
FD1L
D�
D�
D5
D4
D3
D�
D1
D0
FD1H
D15
D14
D13
D1�
D11
D10
D9
D8
FD�L
D�
D�
D5
D4
D3
D�
D1
D0
FD�H
D15
D14
D13
D1�
D11
D10
D9
D8
FD3L
D�
D�
D5
D4
D3
D�
D1
D0
FD3H
D15
D14
D13
D1�
D11
D10
D9
D8
IAP Registers List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com